Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9543 Datasheet HTML 58Page - Analog Devices AD9543 Datasheet HTML 59Page - Analog Devices AD9543 Datasheet HTML 60Page - Analog Devices AD9543 Datasheet HTML 61Page - Analog Devices AD9543 Datasheet HTML 62Page - Analog Devices AD9543 Datasheet HTML 63Page - Analog Devices AD9543 Datasheet HTML 64Page - Analog Devices AD9543 Datasheet HTML 65Page - Analog Devices AD9543 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 66 page
background image
AD9543
Data Sheet
Rev. 0 | Page 66 of 66
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD-4.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
48
13
24
36
37
5.70
5.60 SQ
5.50
0.50
0.40
0.30
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.18
7.10
7.00 SQ
6.90
0.20 MIN
5.50 REF
END VIEW
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
SEATING
PLANE
Figure 66. 48-Lead Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body and 0.75 mm Package Height
(CP-48-13)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9543BCPZ
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP)
CP-48-13
AD9543BCPZ-REEL7
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-13
AD9543/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15827-0-10/17(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com