Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9543 Datasheet HTML 5Page - Analog Devices AD9543 Datasheet HTML 6Page - Analog Devices AD9543 Datasheet HTML 7Page - Analog Devices AD9543 Datasheet HTML 8Page - Analog Devices AD9543 Datasheet HTML 9Page - Analog Devices AD9543 Datasheet HTML 10Page - Analog Devices AD9543 Datasheet HTML 11Page - Analog Devices AD9543 Datasheet HTML 12Page - Analog Devices AD9543 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 9 of 66
DPLL PHASE CHARACTERISTICS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM OUTPUT PHASE
PERTURBATION
Assumes a jitter free reference; satisfies Telcordia GR-1244-CORE
requirements; 0 ppm frequency difference between references;
reference switch initiated via register map (see the AD9543 Register
Map Reference Manual) by faulting the active reference input
Phase Refinement Disabled
50 Hz DPLL loop bandwidth; normal phase margin mode; frequency
translation = 19.44 MHz to 155.52 MHz; 49.152 MHz signal generator
used for system clock source
Peak
±20
±140
ps
Steady State
Phase Buildout Operation
±18
±125
ps
Hitless Operation
0
ps
Phase Refinement Enabled
50 Hz DPLL loop bandwidth; high phase margin mode; phase
refinement iterations = 4; frequency translation = 19.44 MHz to
155.52 MHz; 49.152 MHz signal generator used for system clock source
Peak
±5
±40
ps
Steady State
Phase Buildout Operation
±4
±35
ps
Hitless Operation
0
ps
PHASE SLEW LIMITER
0.001
250
µs/sec
See the AN-1420 Application Note, Phase Buildout and Hitless
Switchover with Digital Phase-Locked Loops (DPLLs)
DISTRIBUTION CLOCK OUTPUTS
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
All testing is both ac-coupled and dc-coupled
Output Frequency
Frequency range determined by driver
functionality; actual frequency synthesis may be
limited by the APLL VCO frequency range
CML
1
500 × 106
Hz
Terminated per Figure 33
HCSL
1
500 × 106
Hz
Terminated per Figure 32
Differential Output Voltage Swing
Voltage between output pins measured with
output driver static; peak-to-peak differential
output amplitude is twice that shown when driver
is toggling and measured using a differential probe
Output Current = 7.5 mA
HCSL
312
368
402
mV
Terminated per Figure 32
CML
257
348
408
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
Output Current = 15 mA
HCSL
631
745
809
mV
Terminated per Figure 32
CML
578
729
818
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
Common-Mode Output Voltage
Output Current = 7.5 mA
HCSL
155
184
201
mV
Terminated per Figure 32
CML
VDD − 208
VDD − 188
VDD − 169
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
(maximum common-mode voltage case occurs at
the minimum amplitude)
Output Current = 15 mA
HCSL
316
372
405
mV
Terminated per Figure 32
CML
VDD − 416
VDD − 371
VDD − 327
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
(maximum common-mode voltage case occurs at
the minimum amplitude)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com