Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9543 Datasheet HTML 6Page - Analog Devices AD9543 Datasheet HTML 7Page - Analog Devices AD9543 Datasheet HTML 8Page - Analog Devices AD9543 Datasheet HTML 9Page - Analog Devices AD9543 Datasheet HTML 10Page - Analog Devices AD9543 Datasheet HTML 11Page - Analog Devices AD9543 Datasheet HTML 12Page - Analog Devices AD9543 Datasheet HTML 13Page - Analog Devices AD9543 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
AD9543
Data Sheet
Rev. 0 | Page 10 of 66
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SINGLE-ENDED MODE
Output Frequency
1
500 × 106
Hz
Frequency range determined by driver
functionality; actual frequency synthesis may be
limited by the APLL VCO frequency range
Output Current = 12 mA
Voltage Swing (Peak-to-Peak)
HCSL Driver Mode
509
584
634
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
456
565
644
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Voltage Swing Midpoint
HCSL Driver Mode
255
292
317
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
VDD − 325
VDD − 291
VDD − 266
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Output Current = 15 mA
Voltage Swing (Peak-to-Peak)
HCSL Driver Mode
645
734
796
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
589
721
815
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Voltage Swing Midpoint
HCSL Driver Mode
322
367
398
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
VDD − 411
VDD − 367
VDD − 334
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
TIME DURATION OF DIGITAL FUNCTIONS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TIME DURATION OF DIGITAL FUNCTIONS
EEPROM to Register Download Time
10
ms
Using the Typical Configuration from Table 3
Power-On Reset (POR)
25
ms
Time from power supplies > 80% to release
of internal reset
Mx Pin to RESETB Rising Edge Setup Time
1
ns
Mx refers to Pin M0 through Pin M6
Mx Pin to RESETB Rising Edge Hold Time
2
ns
Multiple Mx Pin Timing Skew
39
ns
Applies only to multibit Mx pin functions
RESETB Falling Edge to Mx Pin High-Z Time
14
ns
TIME FROM START OF DPLL ACTIVATION TO ACTIVE
PHASE DETECTOR OUTPUT
Untagged Operation
10
tPFD
tPFD is the nominal phase detector period
given by R/fREF, where R is the frequency
division factor determined by the R divider,
and fREF is the frequency of the active
reference
Tagged Operation
10
Tag period
Tag period = (tag ratio/fTAG), where fTAG is
either fREF (for tagged reference mode) or
fFEEDBACK (for all other tagged modes); the tag
ratio corresponds to the selection of fTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com