Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9548 Datasheet HTML 27Page - Analog Devices AD9548 Datasheet HTML 28Page - Analog Devices AD9548 Datasheet HTML 29Page - Analog Devices AD9548 Datasheet HTML 30Page - Analog Devices AD9548 Datasheet HTML 31Page - Analog Devices AD9548 Datasheet HTML 32Page - Analog Devices AD9548 Datasheet HTML 33Page - Analog Devices AD9548 Datasheet HTML 34Page - Analog Devices AD9548 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
Data Sheet
AD9548
Rev. G | Page 31 of 111
The promoted priority parameter allows the user to assign a
higher priority to a reference after it becomes the active
reference. For example, suppose four references have a selection
priority of 3 and a promoted priority of 1, and the remaining
references have a selection priority or 2 and a promoted priority
of 2. Now, assume that one of the Priority 3 references becomes
active because all of the Priority 2 references have failed. Some-
time later, however, a Priority 2 reference becomes valid. The
switchover logic normally attempts to automatically switch over
to the Priority 2 reference because it has higher priority than the
presently active Priority 3 reference. However, because the
Priority 3 reference is active, its promoted priority of 1 is in
effect. This is a higher priority than the newly validated
reference’s priority of 2, so the switchover does not occur. This
mechanism enables the user to give references preferential
treatment while they are selected as the active reference. An
example of promoted vs. nonpromoted priority switching
appears in state diagram form in Figure 37. Figure 38 shows a
block diagram of the interrelationship between the reference
inputs, monitors, validation logic, profile selection, and priority
selection functionality.
A
ACTIVE
B
ACTIVE
C
ACTIVE
A FAULTED
B FAULTED
ALL VALID
INITIAL
STATE
A VALID
B VALID
A VALID
B VALID
INPUT
PRIORITY
PROMOTED
A0
0
B1
0
C2
1
D3
2
PRIORITY TABLE
COMMON
WITHOUT PROMOTION
WITH PROMOTION
Figure 37. Example of Priority Promotion
PROFILE
SELECTION
VALIDATION
LOGIC
PRIORITY
SELECTION
÷R
MONITORS
A/AA
B/BB
C/CC
D/DD
TDC
LOOP
CONTROLLER
Figure 38. Reference Clock Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com