Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9548 Datasheet HTML 61Page - Analog Devices AD9548 Datasheet HTML 62Page - Analog Devices AD9548 Datasheet HTML 63Page - Analog Devices AD9548 Datasheet HTML 64Page - Analog Devices AD9548 Datasheet HTML 65Page - Analog Devices AD9548 Datasheet HTML 66Page - Analog Devices AD9548 Datasheet HTML 67Page - Analog Devices AD9548 Datasheet HTML 68Page - Analog Devices AD9548 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
Data Sheet
AD9548
Addr
Opt1
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x0692
L
Digital loop
filter
coefficients
Alpha-0 linear [15:0]
0x00
0x0693
L
0x00
0x0694
L
Alpha-2 exponent [1:0]
Alpha-1 exponent [5:0]
0x00
0x0695
L
Beta-0 linear [6:0]
Alpha-2
exponent
[2]
0x00
0x0696
L
Beta-0 linear [14:7]
0x00
0x0697
L
Unused
Beta-1 exponent [4:0]
Beta-0 linear [16:15]
0x00
0x0698
L
Gamma-0 linear [15:0]
0x00
0x0699
L
0x00
0x069A
L
Unused
Gamma-1 exponent [4:0]
Gamma-0
linear [16]
0x00
0x069B
L
Delta-0 linear [7:0]
0x00
0x069C
L
Delta-1
exponent
[0]
Delta-0 linear [14:8]
0x00
0x069D
L
Alpha-3 exponent [3:0]
Delta-1 exponent [4:1]
0x00
0x069E
L
Frequency
multiplication
R [23:0]
0x00
0x069F
L
0x00
0x06A0
L
0x00
0x06A1
L
Unused
R [29:24]
0x00
0x06A2
L
S [23:0]
0x00
0x06A3
L
0x00
0x06A4
L
0x00
0x06A5
L
Unused
S [29:24]
0x00
0x06A6
L
V [7:0]
0x00
0x06A7
L
U [3:0]
Unused
V [9:8]
0x00
0x06A8
L
Unused
U [9:4]
0x00
0x06A9
L
Lock
detectors
Phase lock threshold (picoseconds) [15:0]
0x00
0x06AA
L
0x00
0x06AB
L
Phase lock fill rate [7:0]
0x00
0x06AC
L
Phase lock drain rate [7:0]
0x00
0x6AD
L
Frequency lock threshold (picoseconds) [23:0]
0x00
0x06AE
L
0x00
0x06AF
L
0x00
0x06B0
L
Frequency lock fill rate [7:0]
0x00
0x06B1
L
Frequency lock drain rate [7:0]
0x00
Profile Registers—Profile 3
0x06B2
L
Priorities
Phase lock
scale
Unused
Promoted priority [2:0]
Selection priority [2:0]
0x00
0x06B3
L
Reference
period
Nominal period (femtoseconds) [47:0] (up to 1.125 sec)
0x00
0x06B4
L
0x00
0x06B5
L
0x00
0x06B6
L
0x00
0x06B7
L
0x00
0x06B8
L
0x00
0x06B9
L
Unused
Nominal period [49:48]
0x00
0x06BA
L
Tolerance
Inner tolerance (1/tolerance) [15:0] (removes fault status; 10% down to 1 ppm)
0x00
0x06BB
L
0x00
0x06BC
L
Unused
Inner tolerance [19:16]
0x00
0x06BD
L
Outer tolerance (1/tolerance) [15:0] (indicates fault status; 10% down to 1 ppm)
0x00
0x06BE
L
0x00
0x06BF
L
Unused
Outer tolerance [19:16]
0x00
0x06C0
L
Validation
Validation timer (milliseconds) [15:0] (up to 65.5 sec)
0x00
0x06C1
L
0x00
0x06C2
L
Redetect
timeout
Redetect timer (milliseconds) [15:0] (up to 65.5 sec)
0x00
0x06C3
L
0x00
Rev. G | Page 65 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com