Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9548 Datasheet HTML 70Page - Analog Devices AD9548 Datasheet HTML 71Page - Analog Devices AD9548 Datasheet HTML 72Page - Analog Devices AD9548 Datasheet HTML 73Page - Analog Devices AD9548 Datasheet HTML 74Page - Analog Devices AD9548 Datasheet HTML 75Page - Analog Devices AD9548 Datasheet HTML 76Page - Analog Devices AD9548 Datasheet HTML 77Page - Analog Devices AD9548 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
AD9548
Data Sheet
Table 54. IRQ Mask for Reference Inputs
Address
Bits
Bit Name
Description
0x020D
[7]
Ref AA new profile
Enables IRQ for indicating that Ref AA has switched to a new profile
[6]
Ref AA validated
Enables IRQ for indicating that Ref AA has been validated
[5]
Ref AA fault cleared
Enables IRQ for indicating that Ref AA has been cleared of a previous fault
[4]
Ref AA fault
Enables IRQ for indicating that Ref AA has been faulted
[3]
Ref A new profile
Enables IRQ for indicating that Ref A has switched to a new profile
[2]
Ref A validated
Enables IRQ for indicating that Ref A has been validated
[1]
Ref A fault cleared
Enables IRQ for indicating that Ref A has been cleared of a previous fault
[0]
Ref A fault
Enables IRQ for indicating that Ref A has been faulted
0x020E
[7]
Ref BB new profile
Enables IRQ for indicating that Ref BB has switched to a new profile
[6]
Ref BB validated
Enables IRQ for indicating that Ref BB has been validated
[5]
Ref BB fault cleared
Enables IRQ for indicating that Ref BB has been cleared of a previous fault
[4]
Ref BB fault
Enables IRQ for indicating that Ref BB has been faulted
[3]
Ref B new profile
Enables IRQ for indicating that Ref B has switched to a new profile
[2]
Ref B validated
Enables IRQ for indicating that Ref B has been validated
[1]
Ref B fault cleared
Enables IRQ for indicating that Ref B has been cleared of a previous fault
[0]
Ref B fault
Enables IRQ for indicating that Ref B has been faulted
0x020F
[7]
Ref CC new profile
Enables IRQ for indicating that Ref CC has switched to a new profile
[6]
Ref CC validated
Enables IRQ for indicating that Ref CC has been validated
[5]
Ref CC fault cleared
Enables IRQ for indicating that Ref CC has been cleared of a previous fault
[4]
Ref CC fault
Enables IRQ for indicating that Ref CC has been faulted
[3]
Ref C new profile
Enables IRQ for indicating that Ref C has switched to a new profile
[2]
Ref C validated
Enables IRQ for indicating that Ref C has been validated
[1]
Ref C fault cleared
Enables IRQ for indicating that Ref C has been cleared of a previous fault
[0]
Ref C fault
Enables IRQ for indicating that Ref C has been faulted
0x0210
[7]
Ref DD new profile
Enables IRQ for indicating that Ref DD has switched to a new profile
[6]
Ref DD validated
Enables IRQ for indicating that Ref DD has been validated
[5]
Ref DD fault cleared
Enables IRQ for indicating that Ref DD has been cleared of a previous fault
[4]
Ref DD fault
Enables IRQ for indicating that Ref DD has been faulted
[3]
Ref D new profile
Enables IRQ for indicating that Ref D has switched to a new profile
[2]
Ref D validated
Enables IRQ for indicating that Ref D has been validated
[1]
Ref D fault cleared
Enables IRQ for indicating that Ref D has been cleared of a previous fault
[0]
Ref D fault
Enables IRQ for indicating that Ref D has been faulted
Table 55. Watchdog Timer1
Address
Bits
Bit Name
Description
0x0211
[7:0]
Watchdog timer
Watchdog timer, Bits[7:0] (default = 0x00)
0x0212
[7:0]
Watchdog timer, Bits[15:8] (default = 0x00)
1
The watchdog timer is expressed in milliseconds. The default value is 0 (disabled).
Table 56. Auxiliary DAC1
Address
Bits
Bit Name
Description
0x0213
[7:0]
Full-scale current
Full scale current, Bits[7:0] (default = 0xFF)
0x0214
[7]
DAC shutdown
Shut down the DAC current sources.
0 (default) = normal operation
1 = shut down
[6:2]
Unused
[1:0]
Full-scale current
Full-scale current, Bits[9:8] (default = 0b01)
(default current = 0x1FF, or 20.1 mA)
1
The default DAC full-scale current value is 0x01FF = 511, which equates to 20.1375 mA.
Rev. G | Page 74 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com