Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9548 Datasheet HTML 87Page - Analog Devices AD9548 Datasheet HTML 88Page - Analog Devices AD9548 Datasheet HTML 89Page - Analog Devices AD9548 Datasheet HTML 90Page - Analog Devices AD9548 Datasheet HTML 91Page - Analog Devices AD9548 Datasheet HTML 92Page - Analog Devices AD9548 Datasheet HTML 93Page - Analog Devices AD9548 Datasheet HTML 94Page - Analog Devices AD9548 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
Data Sheet
AD9548
Table 113. Redetect Timer—Profile 3
Address
Bits
Bit Name
Description
0x06C2
[7:0]
Redetect timer (in milliseconds)
Redetect timer, Bits[7:0]
0x06C3
[7:0]
Redetect timer, Bits[15:8]
Table 114. Digital Loop Filter Coefficients—Profile 31
Address
Bits
Bit Name
Description
0x06C4
[7:0]
Alpha-0 linear
Alpha-0 coefficient linear, Bits[7:0]
0x06C5
[7:0]
Alpha-0 coefficient linear, Bits[15:8]
0x06C6
[7:6]
Alpha-2 exponent
Alpha-2 coefficient exponent, Bits[1:0]
[5:0]
Alpha-1 exponent
Alpha-1 coefficient exponent, Bits[5:0]
0x06C7
[7:1]
Beta-0 linear
Beta-0 coefficient linear, Bits[6:0]
[0]
Alpha-2 exponent
Alpha-2 coefficient exponent, Bit 2
0x06C8
[7:0]
Beta-0 linear
Beta-0 coefficient linear, Bits[14:7]
0x06C9
[7]
Unused
[6:2]
Beta-1 exponent
Beta-1 coefficient exponent, Bits[4:0]
[1:0]
Beta-0 linear
Beta-0 coefficient linear, Bits[16:15]
0x06CA
[7:0]
Gamma-0 linear
Gamma-0 coefficient linear, Bits[7:0]
0x06CB
[7:0]
Gamma-0 coefficient linear, Bits[15:8]
0x06CC
[7:6]
Unused
[5:1]
Gamma-1 exponent
Gamma-1 coefficient exponent, Bits[4:0]
[0]
Gamma-0 linear
Gamma-0 coefficient linear, Bit 16
0x06CD
[7:0]
Delta-0 linear
Delta-0 coefficient linear, Bits[7:0]
0x06CE
[7]
Delta-1 exponent
Delta-1 coefficient exponent, Bit 0
[6:0]
Delta-0 linear
Delta-0 coefficient linear, Bits[14:8]
0x06CF
[7:4]
Alpha-3 exponent
Alpha-3 coefficient exponent, Bits[3:0]
[3:0]
Delta-1 exponent
Delta-1 coefficient exponent, Bits[4:1]
1
The digital loop filter coefficients (α, β, γ, and δ) have the general form: x(2y), where x is the linear component and y is the exponential component of the coefficient.
The value of the linear component (x) constitutes a fraction, where 0 ≤ x < 1. The exponential component (y) is an integer. See the Calculating Digital Filter Coefficients
section for details.
Table 115. R Divider—Profile 31
Address
Bits
Bit Name
Description
0x06D0
[7:0]
R
R, Bits[7:0]
0x06D1
[7:0]
R, Bits[15:8]
0x06D2
[7:0]
R, Bits[23:16]
0x06D3
[7:6]
Unused
[5:0]
R
R, Bits[29:24]
1
The value stored in the R-divider register yields an actual divide ratio of one more than the programmed value.
Table 116. S Divider—Profile 31
Address
Bits
Bit Name
Description
0x06D4
[7:0]
S
S, Bits[7:0]
0x06D5
[7:0]
S, Bits[15:8]
0x06D6
[7:0]
S, Bits[23:16]
0x06D7
[7:6]
Unused
[5:0]
S
S, Bits[29:24]
1
The value stored in the S-divider register yields an actual divide ratio of one more than the programmed value. Furthermore, the value of S must be at least 7.
Rev. G | Page 91 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com