Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 1 Page - Analog Devices

  AD9548 Datasheet HTML 1Page - Analog Devices AD9548 Datasheet HTML 2Page - Analog Devices AD9548 Datasheet HTML 3Page - Analog Devices AD9548 Datasheet HTML 4Page - Analog Devices AD9548 Datasheet HTML 5Page - Analog Devices AD9548 Datasheet HTML 6Page - Analog Devices AD9548 Datasheet HTML 7Page - Analog Devices AD9548 Datasheet HTML 8Page - Analog Devices AD9548 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
Quad/Octal Input Network Clock
Generator/Synchronizer
Data Sheet
AD9548
FEATURES
Supports Stratum 2 stability in holdover mode
Supports reference switchover with phase build-out
Supports hitless reference switchover
Auto/manual holdover and reference switchover
4 pairs of reference input pins with each pair configurable as
a single differential input or as 2 independent single-
ended inputs
Input reference frequencies from 1 Hz to 750 MHz
Reference validation and frequency monitoring (1 ppm)
Programmable input reference switchover priority
30-bit programmable input reference divider
4 pairs of clock output pins with each pair configurable as a
single differential LVDS/LVPECL output or as 2 single-
ended CMOS outputs
Output frequencies up to 450 MHz
30-bit integer and 10-bit fractional programmable feedback
divider
Programmable digital loop filter covering loop bandwidths
from 0.001 Hz to 100 kHz
Optional low noise LC-VCO system clock multiplier
Optional crystal resonator for system clock input
On-chip EEPROM to store multiple power-up profiles
Software controlled power-down
88-lead LFCSP package
APPLICATIONS
Network synchronization
Cleanup of reference clock jitter
GPS 1 pulse per second synchronization
SONET/SDH clocks up to OC-192, including FEC
Stratum 2 holdover, jitter cleanup, and phase transient
control
Stratum 3E and Stratum 3 reference clocks
Wireless base station controllers
Cable infrastructure
Data communications
GENERAL DESCRIPTION
The AD9548 provides synchronization for many systems,
including synchronous optical networks (SONET/SDH). The
AD9548 generates an output clock synchronized to one of up to
four differential or eight single-ended external input references.
The digital PLL allows for reduction of input time jitter or phase
noise associated with the external references. The AD9548
continuously generates a clean (low jitter), valid output clock
even when all references have failed by means of a digitally
controlled loop and holdover circuitry.
The AD9548 operates over an industrial temperature range of
−40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE INPUTS
AND
MONITOR MUX
STATUS AND
CONTROL PINS
SERIAL CONTROL INTERFACE
(SPI or I2C)
EEPROM
DIGITAL
PLL
CLOCK DISTRIBUTION
SYNC
DAC
CLOCK
MULTIPLIER
STABLE
SOURCE
ANALOG
FILTER
AD9548
CHANNEL 0
DIVIDER
CHANNEL 1
DIVIDER
CHANNEL 2
DIVIDER
CHANNEL 3
DIVIDER
Figure 1.
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD9548

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9548 AD-AD9548 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9548/PCBZ AD-AD9548/PCBZ Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9548BCPZ AD-AD9548BCPZ Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9548BCPZ-REEL7 AD-AD9548BCPZ-REEL7 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
More results

Similar Description - AD9548

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC9894 ETC-MPC9894 Datasheet
367Kb / 28P
Quad Input Redundant IDCS Clock Generator
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
942Kb / 78P
Dual Input Network Clock Generator/Synchronizer
AD9547 AD-AD9547 Datasheet
1Mb / 104P
Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9548 AD-AD9548 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
logo
Analog Devices
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com