Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9548 Datasheet HTML 21Page - Analog Devices AD9548 Datasheet HTML 22Page - Analog Devices AD9548 Datasheet HTML 23Page - Analog Devices AD9548 Datasheet HTML 24Page - Analog Devices AD9548 Datasheet HTML 25Page - Analog Devices AD9548 Datasheet HTML 26Page - Analog Devices AD9548 Datasheet HTML 27Page - Analog Devices AD9548 Datasheet HTML 28Page - Analog Devices AD9548 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
Data Sheet
AD9548
Rev. G | Page 25 of 111
Program the Digital Phase-Locked Loop (DPLL)
The DPLL parameters reside in the 0x0300 register address
space. They include the following:
Free-run frequency (DDS frequency tuning word)
DDS phase offset
DPLL pull-in range limits
DPLL closed-loop phase offset
Phase slew control (for hitless reference switching)
Tuning word history control (for holdover operation)
Program the Clock Distribution Outputs
The clock distribution parameters reside in the 0x0400 register
address space. They include the following:
Output power-down control
Output enable (disabled by default)
Output synchronization
Output mode control
Output divider functionality
Program the Reference Inputs
The reference input parameters reside in the 0x0500 register
address space. They include the following:
Reference power-down
Reference logic family
Reference profile assignment control
Phase build-out control
Program the Reference Profiles
The reference profile parameters reside in the 0x0600 to 0x0700
register address space. They include the following:
Reference priority
Reference period
Reference period tolerance
Reference validation timer
Reference redetect timer
Digital loop-filter coefficients
Reference prescaler (R-divider)
Feedback dividers (S, U, and V)
Phase and frequency lock detector controls
Generate the Reference Acquisition
After the registers are programmed, issue an input/output
update using Register 0x0005, Bit 0 to invoke all of the register
settings programmed up to this point.
If the settings are programmed for manual profile assignment,
the DPLL locks to the first available reference that has the
highest priority. If the settings are programmed for automatic
profile assignment, then write to the reference profile detect
register (Address 0x0A0D) to select the state machines that
require starting. Next, issue an input/output update
(Address 0x0005, Bit 0) to start the selected state machines.
Upon completion of the reference detection sequence, the
DPLL locks to the first available reference with the highest
priority.
Generate the Output Clock
If the registers are programmed for automatic clock distribution
synchronization via DPLL phase or frequency lock, the synthesized
output signal appears at the clock distribution outputs
(assuming the output is enabled and that the DDS output signal
has been routed to the CLKIN input pins). Otherwise, set and
then clear the sync distribution bit (Address 0x0A02, Bit 1) or
use a multifunction pin input (if programmed accordingly) to
generate a clock distribution sync pulse, which causes the
synthesized output signal to appear at the clock distribution
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com