Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 100 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9548 Datasheet HTML 96Page - Analog Devices AD9548 Datasheet HTML 97Page - Analog Devices AD9548 Datasheet HTML 98Page - Analog Devices AD9548 Datasheet HTML 99Page - Analog Devices AD9548 Datasheet HTML 100Page - Analog Devices AD9548 Datasheet HTML 101Page - Analog Devices AD9548 Datasheet HTML 102Page - Analog Devices AD9548 Datasheet HTML 103Page - Analog Devices AD9548 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 111 page
background image
AD9548
Data Sheet
0x0D0B
[7]
Frequency clamped
The upper or lower frequency tuning word clamp is in effect.
[6]
History available
There is sufficient tuning word history available for holdover operation.
[5:3]
Active reference priority
Priority value of the currently active reference.
000 = highest priority.
111 = lowest priority.
[2:0]
Active reference
Index of the currently active reference.
000 = Reference A.
001 = Reference AA.
010 = Reference B.
011 = Reference BB.
100 = Reference C.
101 = Reference CC.
110 = Reference D.
111 = Reference DD.
Table 140. Input Reference Status
Address
Bits
Bit Name
Description
0x0D0C
[7]
Profile
selected
The control logic sets this bit when it assigns Ref A to one of the eight profiles.
[6:4]
Selected
profile
The index (0 to 7) of the profile assigned to Ref A.
Note that these bits are meaningless unless Bit 7 = 1.
[3]
Valid
Ref A is valid for use (it is nonfaulted and its validation timer has expired).
[2]
Fault
Ref A is not valid for use.
[1]
Fast
If Bit 7 = 1, then this bit indicates that the frequency of Ref A is higher than allowed by its profile
settings.
If Bit 7 = 0, then this bit indicates that the frequency of Ref A is above the maximum input reference
frequency supported by the device.
[0]
Slow
If Bit 7 = 1, then this bit indicates that the frequency of Ref A is lower than allowed by its profile settings.
If Bit 7 = 0, then this bit indicates that the frequency of Ref A is below the minimum input reference
frequency supported by the device.
0x0D0D
[7:0]
Same as 0D0C but for REF AA instead of REF A.
0x0D0E
[7:0]
Same as 0D0C but for REF B instead of REF A.
0x0D0F
[7:0]
Same as 0D0C but for REF BB instead of REF A.
0x0D10
[7:0]
Same as 0D0C but for REF C instead of REF A.
0x0D11
[7:0]
Same as 0D0C but for REF CC instead of REF A.
0x0D12
[7:0]
Same as 0D0C but for REF D instead of REF A.
0x0D13
[7:0]
Same as 0D0C but for REF DD instead of REF A.
Table 141. Holdover History1
Address
Bits
Bit Name
Description
0x0D14
[7:0]
Holdover history
Tuning word readback, Bits[7:0]
0x0D15
[7:0]
Tuning word readback, Bits[15:8]
0x0D16
[7:0]
Tuning word readback, Bits[23:9]
0x0D17
[7:0]
Tuning word readback, Bits[31:24]
0x0D18
[7:0]
Tuning word readback, Bits[39:32]
0x0D19
[7:0]
Tuning word readback, Bits[47:40]
1
These registers contain the current 48-bit DDS frequency tuning word generated by the tuning word history logic.
Rev. G | Page 100 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com