Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 101 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 101 Page - Analog Devices

Back Button AD9548 Datasheet HTML 97Page - Analog Devices AD9548 Datasheet HTML 98Page - Analog Devices AD9548 Datasheet HTML 99Page - Analog Devices AD9548 Datasheet HTML 100Page - Analog Devices AD9548 Datasheet HTML 101Page - Analog Devices AD9548 Datasheet HTML 102Page - Analog Devices AD9548 Datasheet HTML 103Page - Analog Devices AD9548 Datasheet HTML 104Page - Analog Devices AD9548 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 111 page
background image
Data Sheet
AD9548
NONVOLATILE MEMORY (EEPROM) CONTROL (REGISTER 0x0E00 TO REGISTER 0x0E03)
Table 142. EEPROM Control
Address
Bits
Bit Name
Description
0x0E00
[7:2]
Unused
[1]
Half rate
mode
EEPROM serial communication rate.
0 (default) = 400 kHz (normal).
1 = 200 kHz.
[0]
Write enable
EEPROM write enable/protect.
0 (default) = EEPROM write protected.
1 = EEPROM write enabled.
0x0E01
[7:5]
Unused
[4:0]
Condition
value
When set to a nonzero value (default = 0), these bits establish the condition for EEPROM downloads.
0x0E02
[7:1]
Unused
[0]
Save to
EEPROM
Upload data to the EEPROM based on the EEPROM storage sequence. This is an autoclearing bit. When
an EEPROM save/load transfer is complete, wait a minimum of 10 μs before starting the next EEPROM
save/load transfer.
0x0E03
[7:2]
Unused
[1]
Load from
EEPROM
Download data from the EEPROM. This is an autoclearing bit. When an EEPROM save/load transfer is
complete, wait a minimum of 10 μs before starting the next EEPROM save/load transfer.
[0]
Unused
EEPROM STORAGE SEQUENCE (REGISTER 0x0E10 TO REGISTER 0x0E3F)
The default settings of Register 0x0E10 to Register 0x0E33 embody a sample scratch pad instruction sequence. The following is a
description of the register defaults under the assumption that the controller has been instructed to carry out an EEPROM storage
sequence.
Table 143. EEPROM Storage Sequence for System Clock Settings
Address
Bits
Bit
Name
Description
0x0E10
[7:0]
System
clock
The default value of this register is 0x08, which the controller interprets as a data instruction. Its decimal value
is 8, which tells the controller to transfer nine bytes of data (8 + 1) beginning at the address specified by the
next two bytes. The controller stores 0x08 in the EEPROM and increments the EEPROM address pointer.
0x0E11
[7:0]
System
clock
The default value of these two registers is 0x0100. Note that Register 0x0E11 and Register 0x0E12 are the
most significant and least significant bytes of the target address, respectively. Because the previous register
contains a data instruction, these two registers define a starting address (in this case, 0x0100). The controller
stores 0x0100 in the EEPROM and increments the EEPROM pointer by 2. It then transfers nine bytes from the
register map (beginning at Address 0x0100) to the EEPROM and increments the EEPROM address pointer by
10 (nine data bytes and one checksum byte). The nine bytes transferred correspond to the system clock
parameters in the register map.
0x0E12
[7:0]
0x0E13
[7:0]
I/O
update
The default value of this register is 0x80, which the controller interprets as an I/O update instruction. The
controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Table 144. EEPROM Storage Sequence for System Clock Calibration
Address
Bits
Bit Name
Description
0x0E14
[7:0]
SYSCLK
calibrate
The default value of this register is 0xA0, which the controller interprets as a calibrate instruction. The
controller stores 0xA0 in the EEPROM and increments the EEPROM address pointer.
Rev. G | Page 101 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com