Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 102 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9548 Datasheet HTML 98Page - Analog Devices AD9548 Datasheet HTML 99Page - Analog Devices AD9548 Datasheet HTML 100Page - Analog Devices AD9548 Datasheet HTML 101Page - Analog Devices AD9548 Datasheet HTML 102Page - Analog Devices AD9548 Datasheet HTML 103Page - Analog Devices AD9548 Datasheet HTML 104Page - Analog Devices AD9548 Datasheet HTML 105Page - Analog Devices AD9548 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 111 page
background image
AD9548
Data Sheet
Table 145. EEPROM Storage Sequence for General Configuration Settings
Address
Bits
Bit
Name
Description
0x0E15
[7:0]
General
The default value of this register is 0x14, which the controller interprets as a data instruction. Its decimal value
is 20, which tells the controller to transfer 21 bytes of data (20 + 1) beginning at the address specified by the
next two bytes. The controller stores 0x14 in the EEPROM and increments the EEPROM address pointer.
0x0E16
[7:0]
General
The default value of these two registers is 0x0200. Note that Register 0x0E16 and Register 0x0E17 are the
most significant and least significant bytes of the target address, respectively. Because the previous register
contains a data instruction, these two registers define a starting address (in this case, 0x0200). The controller
stores 0x0200 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 21 bytes from the
register map (beginning at Address 0x0200) to the EEPROM and increments the EEPROM address pointer by
22 (21 data bytes and one checksum byte). The 21 bytes transferred correspond to the general configuration
parameters in the register map.
0x0E17
[7:0]
Table 146. EEPROM Storage Sequence for DPLL Settings
Address
Bits
Bit
Name
Description
0x0E18
[7:0]
DPLL
The default value of this register is 0x1B, which the controller interprets as a data instruction. Its decimal value
is 27, which tells the controller to transfer 28 bytes of data (27 + 1) beginning at the address specified by the
next two bytes. The controller stores 0x1B in the EEPROM and increments the EEPROM address pointer.
0x0E19
[7:0]
DPLL
The default value of these two registers is 0x0300. Note that Register 0x0E19 and Register 0x0E1A are the most
significant and least significant bytes of the target address, respectively. Because the previous register contains
a data instruction, these two registers define a starting address (in this case, 0x0300). The controller stores
0x0300 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 28 bytes from the register
map (beginning at Address 0x0300) to the EEPROM and increments the EEPROM address pointer by 29 (28
data bytes and one checksum byte). The 28 bytes transferred correspond to the DPLL parameters in the
register map.
0x0E1A
[7:0]
Table 147. EEPROM Storage Sequence for Clock Distribution Settings
Address
Bits
Bit Name
Description
0x0E1B
[7:0]
Clock
distribution
The default value of this register is 0x19, which the controller interprets as a data instruction. Its decimal
value is 25, which tells the controller to transfer 26 bytes of data (25 + 1) beginning at the address
specified by the next two bytes. The controller stores 0x19 in the EEPROM and increments the EEPROM
address pointer.
0x0E1C
[7:0]
Clock
distribution
The default value of these two registers is 0x0400. Note that Register 0x0E1C and Register 0x0x0E1D are
the most significant and least significant bytes of the target address, respectively. Because the previous
register contains a data instruction, these two registers define a starting address (in this case, 0x0400).
The controller stores 0x0400 in the EEPROM and increments the EEPROM pointer by 2. It then transfers
26 bytes from the register map (beginning at Address 0x0400) to the EEPROM and increments the
EEPROM address pointer by 27 (26 data bytes and one checksum byte). The 26 bytes transferred
correspond to the clock distribution parameters in the register map.
0x0E1D
[7:0]
0x0E1E
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update instruction. The
controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Rev. G | Page 102 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com