Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 75 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9548 Datasheet HTML 71Page - Analog Devices AD9548 Datasheet HTML 72Page - Analog Devices AD9548 Datasheet HTML 73Page - Analog Devices AD9548 Datasheet HTML 74Page - Analog Devices AD9548 Datasheet HTML 75Page - Analog Devices AD9548 Datasheet HTML 76Page - Analog Devices AD9548 Datasheet HTML 77Page - Analog Devices AD9548 Datasheet HTML 78Page - Analog Devices AD9548 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
Data Sheet
AD9548
DPLL CONFIGURATION (REGISTER 0x0300 TO REGISTER 0x031B)
Table 57. Free Running Frequency Tuning Word1
Address
Bits
Bit Name
Description
0x0300
[7:0]
Frequency (expressed as a 48-bit frequency tuning word)
Free running frequency tuning word, Bits[7:0]
0x0301
[7:0]
Free running frequency tuning word, Bits[15:8]
0x0302
[7:0]
Free running frequency tuning word, Bits[23:9]
0x0303
[7:0]
Free running frequency tuning word, Bits[31:24]
0x0304
[7:0]
Free running frequency tuning word, Bits[39:32]
0x0305
[7:0]
Free running frequency tuning word, Bits[47:40]
1
The default free running tuning word is 0x000000 = 0, which equates to 0 Hz.
Table 58. Update TW
Address
Bits
Bit Name
Description
0x0306
[7:1]
Unused
[0]
Update
TW
A Logic 1 written to this bit transfers the free running frequency tuning word (Register 0300 to Register
0305) to the register imbedded in the tuning word processing logic. Note that it is not necessary to write
the update TW bit when the device is in free-run mode. This is an autoclearing bit.
Table 59. Pull-In Range Lower Limit1
Address
Bits
Bit Name
Description
0x0307
[7:0]
Pull-in range lower limit (expressed as a 24-bit frequency tuning word)
Lower limit pull-in range, Bits[7:0]
0x0308
[7:0]
Lower limit pull-in range, Bits[15:8]
0x0309
[7:0]
Lower limit pull-in range, Bits[23:9]
0x030A
[7:0]
Pull-in range upper limit (expressed as a 24-bit frequency tuning word)
Upper limit pull-in range, Bits[7:0]
0x030B
[7:0]
Upper limit pull-in range, Bits[15:8]
0x030C
[7:0]
Upper limit pull-in range, Bits[23:9]
1
The default pull-in range lower limit is 0, and the upper range limit is 0xFFFFFF, which effectively spans the full output frequency range of the DDS.
Table 60. DDS Phase Offset1
Address
Bits
Bit Name
Description
0x030D
[7:0]
Open-loop phase offset (expressed in π/215 radians)
DDS phase offset, Bits[7:0]
0x030E
[7:0]
DDS phase offset, Bits[15:8]
1
The default DDS phase offset is 0.
Table 61. Fixed Closed-Loop Phase Lock Offset1
Address
Bits
Bit Name
Description
0x030F
[7:0]
Fixed phase lock offset (expressed in picoseconds)
Fixed phase lock offset, Bits[7:0]
0x0310
[7:0]
Fixed phase lock offset, Bits[15:8]
0x0311
[7:0]
Fixed phase lock offset, Bits[23:16]
0x0312
[7:0]
Fixed phase lock offset, Bits[31:24]
0x0313
[7:0]
Fixed phase lock offset, Bits[39:32]
1
The default fixed closed loop phase lock offset is 0.
Rev. G | Page 75 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com