Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 88 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9548 Datasheet HTML 84Page - Analog Devices AD9548 Datasheet HTML 85Page - Analog Devices AD9548 Datasheet HTML 86Page - Analog Devices AD9548 Datasheet HTML 87Page - Analog Devices AD9548 Datasheet HTML 88Page - Analog Devices AD9548 Datasheet HTML 89Page - Analog Devices AD9548 Datasheet HTML 90Page - Analog Devices AD9548 Datasheet HTML 91Page - Analog Devices AD9548 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
AD9548
Data Sheet
Register 0x0680 to Register 0x06B1—Profile 2
Table 99. Priorities—Profile 2
Address
Bits
Bit Name
Description
0x0680
[7]
Phase lock
scale
Controls the phase lock threshold unit scaling.
0 = picoseconds.
1 = nanoseconds.
[6]
Unused
[5:3]
Promoted
priority
User assigned priority level (0 to 7) of the reference associated with Profile 2 while that reference is the
active reference. The numeric value of the promoted priority must be less than or equal to the numeric
value of the selection priority.
[2:0]
Selection
priority
User assigned priority level (0 to 7) of the reference associated with Profile 2, which ranks that reference
relative to the others.
Table 100. Reference Period—Profile 2
Address
Bits
Bit Name
Description
0x0681
[7:0]
Reference period (in femtoseconds)
Nominal reference period, Bits[7:0]
0x0682
[7:0]
Nominal reference period, Bits[15:8]
0x0683
[7:0]
Nominal reference period, Bits[23:16]
0x0684
[7:0]
Nominal reference period, Bits[31:24]
0x0685
[7:0]
Nominal reference period, Bits[39:32]
0x0686
[7:0]
Nominal reference period, Bits[47:40]
0x0687
[7:2]
Unused
[1:0]
Reference period
Nominal reference period, Bits[49:48]
Table 101. Tolerance—Profile 2
Address
Bits
Bit Name
Description
0x0688
[7:0]
Inner tolerance
Inner tolerance, Bits[7:0]
0x0689
[7:0]
Inner tolerance, Bits[15:8]
0x068A
[7:4]
Unused
[3:0]
Inner tolerance
Inner tolerance, Bits[19:16]
0x068B
[7:0]
Outer tolerance
Outer tolerance, Bits[7:0]
0x068C
[7:0]
Outer tolerance, Bits[15:8]
0x068D
[7:4]
Unused
[3:0]
Outer tolerance
Outer tolerance, Bits[19:16]
Table 102. Validation Timer—Profile 2
Address
Bits
Bit Name
Description
0x068E
[7:0]
Validation timer (in milliseconds)
Validation timer, Bits[7:0]
0x068F
[7:0]
Validation timer, Bits[15:8]
Table 103. Redetect Timer—Profile 2
Address
Bits
Bit Name
Description
0x0690
[7:0]
Redetect timer (in milliseconds)
Redetect timer, Bits[7:0]
0x0691
[7:0]
Redetect timer, Bits[15:8]
Rev. G | Page 88 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com