Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 20Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 21Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 22Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 23Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 24Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 25Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Si5321
22
Rev. 2.3
2.13. Design and Layout Guidelines
Precision clock circuits are susceptible to board noise
and EMI. To take precautions against unacceptable
levels of board noise and EMI affecting performance of
the Si5321, consider the following:
Power the device from 3.3 V since the internal
regulator provides >40 dB of isolation to the VDD25
pins (which power the PLL circuitry).
When powering the device from 3.3 V, use an
isolated, local plane to connect the VDD25 pins.
Avoid running signal traces over or below this plane
without a ground plane in between.
Route all I/O traces between ground planes as much
as possible
Maintain an input clock amplitude in the 200 mVPP to
500 mVPP differential range.
Excessive high-frequency harmonics of the input
clock should be minimized. The use of filters on the
input clock signal can be used to remove high-
frequency harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com