Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 24Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 25Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 26Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 27Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 28Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 29Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 30Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 31Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Si5321
28
Rev. 2.3
H4
VALTIME
I*
LVTTL*
Clock Validation Time for LOS.
VALTIME sets the clock validation times for recovery
from an LOS alarm condition. When VALTIME is
high, the validation time is approximately 100 ms.
When VALTIME is low, the validation time is approx-
imately 2 ms.
H3
RSTN/CAL
I*
LVTTL*
Reset/Calibrate.
When low, all LVTTL outputs are forced into a high
impedance state, the DSPLL is forced out-of-lock,
and the device control logic is reset.
A low-to-high transition on RSTN/CAL initializes all
digital logic to a known condition and initiates self-
calibration of the DSPLL. At the completion of self-
calibration, the DSPLL begins to lock to the selected
clock input signal and begins to drive out the output
clock signal onto the CLKOUT pins.
F8
LOS
O
LVTTL
Loss-of-Signal (LOS) Alarm for CLKIN.
Active high output indicates that the Si5321 has
detected missing pulses on the input clock signal.
The LOS alarm is cleared after either 100 ms or 13 s
of a valid CLKIN clock input, depending on the set-
ting of the VALTIME input.
D8
DH_ACTV
O
LVTTL
Digital Hold Mode Active.
Active high output indicates that the DSPLL is in
digital hold mode. Digital hold mode locks the
current state of the DSPLL and forces the DSPLL to
continue generation of the output clock with no
additional phase or frequency information from the
input clock.
E8
CAL_ACTV
O
LVTTL
Calibration Mode Active.
This output is driven high during the DSPLL self-cal-
ibration and the subsequent initial lock acquisition
period.
C2
VSEL33
I*
LVTTL*
Select 3.3 V VDD Supply.
This is an enable pin for the internal regulator. To
enable the regulator, connect this pin to the VDD33
pins.
D3–D5,
E3–E5
VDD33
VDD
Supply
3.3 V Supply.
3.3 V power is applied to the VDD33 pins. Typical
supply bypassing/decoupling for this configuration is
indicated in the typical application diagram for 3.3 V
supply operation.
Table 10. Si5321 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
*Note:
The LVTTL inputs on the Si5321 device have an internal pulldown mechanism that causes the input to default to a
logic low state if the input is not driven from an external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com