Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 26Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 27Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 28Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 29Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 30Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 31Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 32Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 33Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Si5321
32
Rev. 2.3
6. 9x9 mm CBGA Card Layout
Table 12. Recommended Land Pattern Dimensions
Symbol
Parameter
Dimension
Notes
Min
Nom
Max
C
Column Width
—
7.00 REF
—
D
Row Height
—
7.00 REF
—
E
Pad Pitch
—
1.00 BSC
—
F
Placement Courtyard
10.00
—
—
1
X
Pad Diameter
0.64
0.68
0.72
2, 3
Notes:
1.
The Placement Courtyard is the minimum keep-out area required to assure assembly clearances.
2.
Pad Diameter is Copper Defined (Non-Solder Mask Defined/NSMD).
3.
OSP Surface Finish Recommended.
4.
Controlling dimension is millimeters.
5.
Land Pad Dimensions comply with IPC-SM-782 guidelines.
6.
Target solder paste volume per pad is 0.065 mm3 ± 0.010 mm3 (4000 mils3 ± 600 mils3).
Recommended stencil aperture dimensions to achieve target solder paste volume are 0.191 mm
thick x 0.68±0.01 mm diameter, with a 0.025 mm taper.
7.
Recommended stencil type is chemically etched stainless steel with circularly tapered apertures.
Placement Courtyard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com