Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Si5321
Rev. 2.3
15
Figure 4. Typical Si5321 Phase Noise (CLKIN = 155.52 MHz, CLKOUT = 622.08 MHz, and
Loop BW = 800 Hz)
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
3.3 V DC Supply Voltage
VDD33
–0.5 to 3.6
V
LVTTL Input Voltage
VDIG
–0.3 to (VDD33 + 0.3)
V
Maximum Current any output PIN
±50
mA
Operating Junction Temperature
TJCT
–55 to 150
°C
Storage Temperature Range
TSTG
–55 to 150
°C
ESD HBM Tolerance (100 pf, 1.5 k
Ω)1.0
kV
Note: Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
ϕJA
Still Air
20
°C/W
10
1
-160
-140
-120
-100
-80
-60
-40
-20
0
10
6
10
5
10
4
10
3
10
2
10
7
10
8
Offset Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com