Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Si5321
16
Rev. 2.3
Figure 5. Si5321 Typical Application Circuit (3.3 V Supply)
10 k
Ω1%
LOS
CLKIN+
VALTIME
CLKIN–
Input Clock Source
Loss of Signal (LOS)
Digital Hold Active
LOS Validation Time
DH_ACTV
PWRDN/CAL
FEC[2:0]
BWSEL[1:0]
PLL Bandwidth Select
FEC Scaling Select
Powerdown Control
CAL_ACTV
FRQSEL[2:0]
CLKOUT+
CLKOUT–
Clock Output
Clock Output
Frequency Select
Calibration Active
Status Output
0.1
µF
3.3 V Supply
2200 pF
22 pF
Si5321
INFRQSEL[2:0]
Input Clock Frequency Select
33
µF
BWBOOST
PLL Bandwidth Multiplier
FXDDELAY
Fixed Delay Mode Control
Ferrite Bead
0.1
µF
100
Ω
0.1
µF
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com