Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 26Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 27Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 28Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 29Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 30Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 31Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 32Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 33Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Si5321
Rev. 2.3
33
DOCUMENT CHANGE LIST
Revision 2.0 to Revision 2.1
Updated Table 3, “AC Characteristics,” on page 7.
Updated Figure 8, “Recovery from Digital Hold,” on
page 20.
Updated Figure 12, “63-Ball Ceramic Ball Grid Array
(CBGA),” on page 31.
Updated Table 11, “Package Diagram Dimensions,”
on page 31.
Added Figure 4, “Typical Si5321 Phase Noise
(CLKIN = 155.52 MHz, CLKOUT = 622.08 MHz, and
Loop BW = 800 Hz),” on page 15.
Revision 2.1 to Revision 2.2
Updated Table 3, “AC Characteristics,” on page 7.
Updated Table 11, “Package Diagram Dimensions,”
on page 31.
Revision 2.2 to Revision 2.3
Updated "5. Package Outline" on page 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com