Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Si5321
8
Rev. 2.3
Input Clock Frequency (CLKIN)
FEC[2:0] = 110 (forward FEC)
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
fCLKIN
66/64 FEC Scaling
Minimum input frequency
is in the 155 MHz range
N/A
N/A
N/A
150.79
301.58
603.16
N/A
N/A
N/A
—
—
—
N/A
N/A
N/A
168.22
336.44
672.88
MHz
Input Clock Frequency (CLKIN)
FEC[2:0] = 111 (reverse FEC)
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
fCLKIN
64/66 FEC Scaling
Minimum input frequency
is in the 155 MHz range
N/A
N/A
N/A
160.36
320.72
641.46
N/A
N/A
N/A
—
—
—
N/A
N/A
N/A
178.90
357.80
715.59
MHz
Input Clock Rise Time (CLKIN)
tR
Figure 2
—
—
11
ns
Input Clock Fall Time (CLKIN)
tF
Figure 2
—
—
11
ns
Input Clock Duty Cycle
CDUTY_IN
40
50
60
%
CLKOUT Frequency Range
FRQSEL[2:0] = 001
FRQSEL[2:0] = 000
FRQSEL[2:0] = 100
FRQSEL[2:0] = 010
FRQSEL[2:0] = 101
FRQSEL[2:0] = 011
FRQSEL[2:0] = 110
FRQSEL[2:0] = 111
fO_19
fO_39
fO_78
fO_155
fO_311
fO_622
fO_1250
fO_2500
19.436
38.872
77.744
155.48
310.97
621.95
1243.9
2487.8
—
—
—
—
—
—
—
—
21.685
43.369
86.738
173.48
346.95
693.90
1387.8
2775.6
MHz
CLKOUT Rise Time
tR
Figure 2; single-ended;
after 3 cm of 50
Ω FR4
stripline
—
190
220
ps
CLKOUT Fall Time
tF
Figure 2; single-ended;
after 3 cm of 50
Ω FR4
stripline
—
185
205
ps
Output Clock Duty Cycle
CDUTY_OUT
Differential:
(CLKOUT+) – (CLKOUT–)
48
—
52
%
RSTN/CAL Pulse Width
tRSTN
20
—
—
ns
Table 3. AC Characteristics (Continued)
(VDD33 =3.3 V ±5%, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note: The Si5321 provides a 1/32x, 1/16x, 1/8x, 1/4x, 1/2x, 1x, 2x, 4x, 8x, 16x, 32x, 64x, or 128x clock multiplication function
with an option for additional frequency scaling by a factor of 255/238, 238/255, 255/237, 237/255, 66/64, or 64/66 for
FEC rate conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com