Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Si5321
14
Rev. 2.3
Clock Output Wander with
Temperature Gradient 1,2
CCO_TG
Stable Input Clock;
Temperature
Gradient <10
°C/min;
800 Hz Loop BW
—
—
45
ps/
°C/
min
Initial Frequency Accuracy in Digital Hold
Mode (first 100 ms with voltage and
temperature held constant)
CDH_FA
Stable Input Clock
Selected until entering
Digital Hold
—
—
5.5
ppm
Clock Output Frequency Accuracy Over
Temperature in Digital Hold Mode
CDH_T
Constant Supply Voltage
—
17.2
30
ppm
/
°C
Clock Output Frequency Accuracy Over
Supply Voltage in Digital Hold Mode
CDH_V33
Constant Temperature
—
—
600 ppm
/V
Clock Output Phase Step3(See Figure 8)
tPT_MTIE
When hitlessly recovering
from Digital Hold mode
–200
0
200
ps
Clock Output Phase Step Slope3
(See Figure 8)
BWSEL[1:0] = 11, BWBOOST = 0
BWSEL[1:0] = 00, BWBOOST = 0
BWSEL[1:0] = 01, BWBOOST = 0
BWSEL[1:0] = 10, BWBOOST = 0
mPT
When hitlessly recovering
from Digital Hold mode
6400 Hz, No Scaling
3200 Hz, No Scaling
1600 Hz, No Scaling
800 Hz, No Scaling
—
—
—
—
—
—
—
—
10
5
2.5
1.25
ps/
µs
Table 4. AC Characteristics (PLL Performance Characteristics) (Continued)
(VDD33 =3.3 V ±5%, TA =–20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max Unit
Notes:
1. Higher PLL bandwidth settings provide smaller clock output wander with temperature gradient.
2. For reliable device operation, temperature gradients should be limited to 10 °C/min.
3. Telcordia GR-1244-CORE requirements specify maximum phase transient slope during clock rearrangement in terms
of nanoseconds per millisecond. The equivalent ps/
µs unit is used here since the maximum phase transient magnitude
for the Si5321 (tPT_MTIE) never reaches one nanosecond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com