Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI5321 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Si5321
Rev. 2.3
5
Figure 1. CLKIN Voltage Characteristics
Figure 2. Rise/Fall Time Measurement
Figure 3. Transitionless Period on CLKIN for Detecting a LOS Condition
Note: W hen using single-ended clock sources, the unused clock
input on the Si5321 m ust be ac-coupled to ground.
0.5 V
ID
CLKIN+
CLKIN–
(CLKIN+) – (CLKIN–)
V
ID
B. O peration with Differential Clock Input
V
IS
A. O peration with Single-Ended Clock Input*
CLKIN+
CLKIN–
Note: Transm ission line term ination, when required, m ust be provided
externally.
t
F
t
R
80%
20%
t
LO S
(C L K IN + ) - (C L K I N - )
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com