Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 25Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 26Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 27Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 28Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 29Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 30Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 31Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 32Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Si5321
Rev. 2.3
29
D6, D7, E6,
E7, F3–F7
VDD25
VDD
Supply
2.5 V Supply.
These pins provide a means of connecting the
compensation network for the on-chip regulator.
C3–C7, E2,
F2, G2–G8
GND
GND
Supply
Ground.
Must be connected to system ground. Minimize the
ground path impedance for optimal performance of
the device.
H2
REXT
I
Analog
External Biasing Resistor.
Used by on-chip circuitry to establish bias currents
within the device. This pin must be connected to
GND through a 10 k
Ω (1%) resistor.
A4–8, B5, B8
RSVD_NC
LVTTL
Reserved—No Connect.
This pin must be left unconnected for normal
operation.
B6, B7, C8
RSVD_GND
LVTTL
Reserved—GND.
This pin must be tied to GND for normal operation.
Table 10. Si5321 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
*Note:
The LVTTL inputs on the Si5321 device have an internal pulldown mechanism that causes the input to default to a
logic low state if the input is not driven from an external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com