Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 21Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 22Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 23Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 24Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 25Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 26Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 27Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 28Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Si5321
Rev. 2.3
25
Table 10. Si5321 Pin Descriptions
Pin #
Pin Name
I/O
Signal Level
Description
D1
E1
CLKIN+
CLKIN–
I
AC Coupled
200–500 mVPPD
(See Table 2)
System Clock Input.
Clock input to the DSPLL circuitry. The frequency of
the CLKIN signal is multiplied by the DSPLL to gen-
erate the CLKOUT clock output. The input-to-output
frequency multiplication factor is set by selecting the
clock input range and the clock output range. The
frequency of the CLKIN clock input can be in the 19,
38, 77, 155, 311, or 622 MHz range (nominally
19.44, 38.88, 77.76, 155.52, 311.04, or
622.08 MHz) as indicated in Table 3 on page 7. The
clock input frequency is selected using the
INFRQSEL[2:0] pins. The clock output frequency is
selected using the FRQSEL[1:0] pins. An additional
scaling factor may be selected for FEC operation
using the FEC[2:0] control pins.
F1
G1
H1
INFRQSEL[0]
INFRQSEL[1]
INFRQSEL[2]
I*
LVTTL*
Input Frequency Range Select.
Pins(INFRQSEL[2:0]) select the frequency range for
the input clock, CLKIN. (See Table 3 on page 7.)
000 = Reserved.
001 = 19 MHz range.
010 = 38 MHz range.
011 = 77 MHz range.
100=155MHz range.
101=311MHz range.
110 = 622 MHz range.
111 = Reserved.
H6
H7
CLKOUT+
CLKOUT–
OCML
Differential Clock Output.
High-frequency clock output. The frequency of the
CLKOUT output is a multiple of the frequency of the
CLKIN input. The input-to-output frequency multipli-
cation factor is set by selecting the clock input range
and the clock output range. The frequency of the
CLKOUT clock output can be in the 19, 38, 77, 155,
311, 622, 1244 or 2488 MHz range as indicated in
Table 3 on page 7. The clock output frequency is
selected using the FRQSEL[2:0] pins. The clock
input frequency is selected using the
INFRQSEL[2:0] pins. An additional scaling factor
may be selected for FEC operation using the
FEC[2:0] control pins.
*Note:
The LVTTL inputs on the Si5321 device have an internal pulldown mechanism that causes the input to default to a
logic low state if the input is not driven from an external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com