Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI5321 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Si5321
4
Rev. 2.3
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min1
Typ
Max1
Unit
Ambient Temperature
TA
–202
25
85
°C
Si5321 Supply Voltage3, 3.3 V Supply
VDD33
3.135
3.3
3.465
V
Notes:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
2. The Si5321 is guaranteed by design to operate at –40° C. All electrical specifications are guaranteed for an ambient
temperature of –20 to 85° C.
3. The Si5321 specifications are guaranteed when using the recommended application circuit (including component
tolerance) of Figure 5 on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com