Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 124 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
47
Preliminary
5.6.1
Interrupt Priority Register 0 (IPR0)
Figure 5-3 Interrupt Priority Register 0 (IPR0)
5.6.1.1
LVI IPL—Bits 15–14
This field is used to set the interrupt priority levels for a peripheral IRQ. This IRQ is limited to priorities
0 through 2 and is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.1.2
Reserved—Bits 13–10
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.1.3
EOnCE Receive Register Full Interrupt Priority Level
(RX_REG IPL)— Bits 9–8
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
5.6.1.4
EOnCE Transmit Register Empty Interrupt Priority Level
(TX_REG IPL)— Bits 7–6
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
LVI IPL
0
0
0
0
RX_REG IPL
TX_REG IPL
TRBUF IPL
BKPT_U IPL
STPCNT IPL
Write
RESET
0
0
0000
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com