Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 62Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 63Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 64Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 66Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 68Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
56F8014 Technical Data, Rev. 3
66
Freescale Semiconductor
Preliminary
6.3.1.9
OnCE Enable (ONCEEBL)—Bit 5
•
0 = OnCE clock to 56800E core enabled when core TAP is enabled
•
1 = OnCE clock to 56800E core is always enabled
6.3.1.10
Software Reset (SWRST)—Bit 4
Writing 1 to this field will cause the part to reset.
6.3.1.11
Stop Disable (STOP_DISABLE[1:0])—Bits 3–2
•
00 = Stop mode will be entered when the 56800E core executes a STOP instruction
•
01 = The 56800E STOP instruction will not cause entry into Stop mode
•
10 = Stop mode will be entered when the 56800E core executes a STOP instruction and the
STOP_DISABLE field is write-protected until the next reset
•
11 = The 56800E STOP instruction will not cause entry into Stop mode and the STOP_DISABLE field is
write-protected until the next reset
6.3.1.12
Wait Disable (WAIT_DISABLE[1:0])—Bits 1–0
•
00 = Wait mode will be entered when the 56800E core executes a WAIT instruction
•
01 = The 56800E WAIT instruction will not cause entry into Wait mode
•
10 = Wait mode will be entered when the 56800E core executes a WAIT instruction and the
WAIT_DISABLE field is write-protected until the next reset
•
11 = The 56800E WAIT instruction will not cause entry into Wait mode and the WAIT_DISABLE field is
write-protected until the next reset
6.3.2
SIM Reset Status Register (SIM_RSTAT)
This register is updated upon any system reset and indicates the cause of the most recent reset. It also
controls whether the COP reset vector or regular reset vector in the vector table is used. This register is
asynchronously reset during Power-On Reset (see power supervisor module) and subsequently is
synchronously updated based on the level of the external reset, software reset, or cop reset inputs. Only
one source will ever be indicated. In the event that multiple reset sources assert simultaneously, the
highest-precedence source will be indicated. The precedence from highest to lowest is POR, EXTR,
COPR, and SWR. While POR is always set during a Power-On Reset, EXTR will become set if the
external reset pin is asserted or remains asserted after the Power-On Reset (POR) has deasserted.
Figure 6-3 SIM Reset Status Register (SIM_RSTAT)
6.3.2.1
Reserved—Bits 15–6
This bit field is reserved or not implemented. It is read as zero and cannot be modified by writing.
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
SWR
COPR
EXTR
POR
0
0
Write
RESET
0
0
00
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com