Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
56F8014 Signal Pins
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
15
Preliminary
Figure 2-1 56F8014 Signals Identified by Functional Group (32-Pin LQFP)
2.2 56F8014 Signal Pins
After reset, each pin is configured for its primary function (listed first). Any alternate functionality must
be programmed.
VDD_IO
VDDA
VSSA
GPIOB6 (RXD, SDA, CLKIN)
GPIOB7 (TXD, SCL)
Other
Supply
Ports
SCI Port or
I2C Port or
GPIO
JTAG/
EOnCE Port
or GPIO
1
1
2
VCAP
1
1
1
TCK (GPIOD2)
TMS (GPIOD3)
GPIOA4 (PWM4, FAULT1, T2)
ANA0 - 1 (GPIOC0 - 1)
1
1
1
2
1
56F8014
1
TDI (GPIOD0)
TDO (GPIOD1)
GPIOB0 (SCLK, SCL)
GPIOB1 (SS, SDA)
GPIOB2 (MISO, T2)
GPIOB3 (MOSI, T3)
ANB0 - 1 (GPIOC4 - 5)
ANB2 (VREFL, GPIOC6)
1
1
1
1
1
1
1
2
ANA2 (VREFH, GPIOC2)
1
VSS_IO
Power
Ground
Power
Ground
GPIOA0 - 2 (PWM0 - 2)
3
GPIOA5 (PWM5, FAULT2, T3)
1
RESET
RESET ( GPIOA7)
1
GPIOB4 (T0, CLKO)
GPIOB5 (T1, FAULT3)
Timer Port
or GPIO
1
1
ADC Port or
GPIO
SPI Port or
I2C Port or
Timer Port
or GPIO
PWM Port or
Timer Port or
GPIO
ANA3 (GPIOC3)
1
ANB3 (GPIOC7)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com