Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 17 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 17 Page - NEC

Back Button D17133CS Datasheet HTML 13Page - NEC D17133CS Datasheet HTML 14Page - NEC D17133CS Datasheet HTML 15Page - NEC D17133CS Datasheet HTML 16Page - NEC D17133CS Datasheet HTML 17Page - NEC D17133CS Datasheet HTML 18Page - NEC D17133CS Datasheet HTML 19Page - NEC D17133CS Datasheet HTML 20Page - NEC D17133CS Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 289 page
background image
CHAPTER 1
GENERAL
2
Operating Supply Voltage
1.1 FUNCTION LIST
Item
µPD17120
µPD17132
µPD17P132
µPD17121
µPD17133
µPD17P133
Product Name
Masked ROM
One-time PROM
Masked ROM
One-time PROM
ROM Capacity
1.5K bytes
2K bytes
1.5K bytes
2K bytes
(768
× 16 bits)
(1024
× 16 bits)
(768
× 16 bits)
(1024
× 16 bits)
RAM Capacity
64
× 4 bits
111
× 4 bits
64
× 4 bits
111
× 4 bits
Stack
5 address stacks; 1 interrupt stack
• 18 input/output ports
Input/output port count
19 ports
• 1 sense input (INT pinNote)
Comparator
4-channel
4-channel
(Supply voltage)
(VDD = 2.7 to 5.5 V)
(VDD = 2.7 to 5.5 V)
Timer
1-channel (8-bit timer)
Serial Interface
1-channel (3-wire)
Detection of the rising edge
•
1 external interrupt (INT):
Detection of the trailing edge
Selectable
Interrupt
Detection of both rising and trailing edges
•
Timer (TM)
•
Serial interface (SIO)
System clock
RC oscillation
Ceramic oscillation
Instruction Execution Time
8
µs (when fCC = 2 MHz)
2
µs (when fX = 8 MHz)
Standby Function
HALT, STOP
Power-on/Power-down
Incorporated
Incorporated
Reset Circuit
(Can be used on an applied circuit
(Can be used on an applied circuit
of VDD=5 V
±10%)
of VDD=5 V
±10%; fX = 400 kHz to 4 MHz)
• 2.7 to 5.5 V
• 4.5 to 5.5 V (When using the power-on power/down reset function)
• 24-pin plastic shrink DIP (300 mil)
• 24-pin plastic SOP (375 mil)
One-time PROM Product
µPD17P132
–
µPD17P133
–
Note When not using the external interrupt function, the INT pin can be used as an input-only pin (sense input).
As a sense input, the pin status is read not by the port register but by the control register's INT flag.
Caution Despite a high level of functional compatibility with the masked ROM product, the PROM product
is different in terms of the internal ROM circuit and some electric features. When switching from
a PROM to a masked ROM product, be sure to sufficiently evaluate the application of the masked
ROM product based on its sample.
None
None
•
2 internal interrupts
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com