Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 96 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 96 Page - NEC

Back Button D17133CS Datasheet HTML 92Page - NEC D17133CS Datasheet HTML 93Page - NEC D17133CS Datasheet HTML 94Page - NEC D17133CS Datasheet HTML 95Page - NEC D17133CS Datasheet HTML 96Page - NEC D17133CS Datasheet HTML 97Page - NEC D17133CS Datasheet HTML 98Page - NEC D17133CS Datasheet HTML 99Page - NEC D17133CS Datasheet HTML 100Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 289 page
background image
CHAPTER 10
DATA BUFFER (DBF)
81
10.2.1 Data Buffer and Peripheral Hardware
Table 10-1 shows data transfer with peripheral hardware using the data buffer.
Each unit of peripheral hardware has an individual address (called its peripheral address). By using this peripheral
address and the dedicated instructions GET and PUT, data can be transferred between each unit of peripheral
hardware and the data buffer.
GET DBF, p : Read the data in the peripheral hardware address specified by p into the data buffer (DBF).
PUT p, DBF:
Write the data in the data buffer to the peripheral hardware address specified by p.
There are three types of peripheral hardware units: read/write (PUT/GET), write-only (PUT) and read-only (GET).
The following describes what happens when a GET instruction is used with write-only hardware (PUT only) and
when a PUT instruction is used with read-only hardware (GET only).
• Reading (GET) from write-only (PUT only) peripheral hardware will yield an unpredictable value.
• Writing (PUT) to read-only (GET only) peripheral hardware has no effect (regarded as a NOP instruction).
Table 10-1. Peripheral Hardware
(1) Peripheral hardware with input/output in 8-bit units
Direction of Data
PUT
GET
01H
SIOSFR
Shift register
q
q
q
q
8 bits
02H
TMC
Timer count register
×
q
q
8 bits
03H
TMM
Timer modulo register
q
q
×
8 bits
(2) Peripheral hardware with input/output in 16-bit units
Direction of Data
PUT
GET
40H
AR
Address register
q
q
q
q
10 bits
Peripheral
Address
Name
Peripheral Hardware
Peripheral
Address
Name
Peripheral Hardware
Effective Bit
Length
Effective Bit
Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com