Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 58 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 58 Page - NEC

Back Button D17133CS Datasheet HTML 54Page - NEC D17133CS Datasheet HTML 55Page - NEC D17133CS Datasheet HTML 56Page - NEC D17133CS Datasheet HTML 57Page - NEC D17133CS Datasheet HTML 58Page - NEC D17133CS Datasheet HTML 59Page - NEC D17133CS Datasheet HTML 60Page - NEC D17133CS Datasheet HTML 61Page - NEC D17133CS Datasheet HTML 62Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
43
7.2 ADDRESS REGISTER (AR)
7.2.1 Address Register Configuration
Figure 7-3 shows the configuration of the address register.
As shown in Figure 7-3, the address register consists of the sixteen bits in address 74H to 77H (AR3 to AR0) of
the system register. However, because the six high-order bits are always set to 0, the address register is actually
10 bits. When the system is reset, all sixteen bits of the address register are reset to 0.
Figure 7-3. Address Register Configuration
74H
Address
77H
75H
76H
AR3
AR2
AR1
AR0
Name
Bit
Symbol
Data
Initial value
when reset
Address register (AR)
(AR)
b3
b2
b1
b0
000000
0000
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
7.2.2 Address Register Functions
The address register is used to specify an address in program memory when executing an indirect branch
instruction (BR @AR), indirect subroutine call (CALL @AR) or table reference (MOVT DBF, @AR). The address register
can also be put on and taken off the stack by using the stack manipulation instructions (PUSH AR, POP AR).
Items (1) to (4) explain address register operation during execution of each instruction.
The address register can be incremented by using the dedicated increment instruction (INC AR).
(1) Table reference (MOVT DBF, @AR)
When the MOVT DBF, @AR instruction is executed, the data in program memory (16-bit data) located at the
address specified by the value in the address register is read into the data buffer (addresses 0CH to 0FH of
BANK0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com