Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 86 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 86 Page - NEC

Back Button D17133CS Datasheet HTML 82Page - NEC D17133CS Datasheet HTML 83Page - NEC D17133CS Datasheet HTML 84Page - NEC D17133CS Datasheet HTML 85Page - NEC D17133CS Datasheet HTML 86Page - NEC D17133CS Datasheet HTML 87Page - NEC D17133CS Datasheet HTML 88Page - NEC D17133CS Datasheet HTML 89Page - NEC D17133CS Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 289 page
background image
CHAPTER 9 REGISTER FILE (RF)
The register file is a register used mainly for specifying conditions for peripheral hardware.
9.1 REGISTER FILE CONFIGURATION
9.1.1 Configuration of the Register File
Figure 9-1 shows the configuration of the register file.
As shown in Figure 9-1, the register file is a register consisting of 128 nibbles (128 words
× 4 bits).
In the same way as with data memory, the register file is divided into address in units of four bits. It has a total
of 128 nibbles specified in row addresses from 0H to 7H and column address from 0H to 0FH.
Address locations 00H to 3FH define an area the control register.
Figure 9-1. Register File Configuration
0
1
2
3
4
5
6
7
General register
0
Column address
123456789 A B C D E F
9.1.2 Relationship between the Register File and Data Memory
Figure 9-2 shows the relationship between the register file and data memory.
As shown in Figure 9-2, the register file overlaps with data memory in addresses 40H to 7FH.
This means that the same memory exists in register file addresses 40H to 7FH and in data memory bank addresses
40H to 7FH.
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com