Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 66 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 66 Page - NEC

Back Button D17133CS Datasheet HTML 62Page - NEC D17133CS Datasheet HTML 63Page - NEC D17133CS Datasheet HTML 64Page - NEC D17133CS Datasheet HTML 65Page - NEC D17133CS Datasheet HTML 66Page - NEC D17133CS Datasheet HTML 67Page - NEC D17133CS Datasheet HTML 68Page - NEC D17133CS Datasheet HTML 69Page - NEC D17133CS Datasheet HTML 70Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
51
Example 3. General register is in row address 0
R00B
MEM
0.0BH
M034
MEM
0.34H
MOV
R00B, #0EH
; R00B
← 0EH
MOV
M034, @R00B
; Indirect transfer of data in the register
As shown in Figure 7-9, when the above instructions are executed, the contents of data
memory stored at address 3EH is transferred to data memory location M034.
In other words, the MOV m, @r instruction causes the contents of the data memory location
specified by @r (which by definition has the same row address as m) to be transferred to the
data memory location specified by m.
The indirect data transfer address has the same row address as m (example above uses row
address is 3) and the column address is the value contained in the general register address
specified by r (example above uses column address 0EH). Therefore the address in the above
example is 3EH.
The data transfer memory address source and destination in this example are the opposite
of those shown in Example 2 (source and destination are switched).
Figure 7-9. Example of Operation When MPE=0 and IXE=0
0
1
2
3
4
5
6
7
0123456789
A
B
C
D
E
F
System register
General
register
8
E
Example 2. MOV @R005, M034
Example 1. ADD R003, M061
Column address specified
as transfer destination
Column address specified
as transfer source
Example 3. MOV M034, @R00B
Column address
Data memory address M
General register address R
0000
0000
110
000
0001
0011
Column
Address
Row
Address
Bank
Addresses in Example 1
ADD R003, M061
Data memory address M
General register address R
Indirect transfer address @R
0000
0000
0000
011
000
011
0100
0101
1000
Column
Address
Row
Address
Bank
Same as M
Contents
of R
Addresses in Example 2
MOV @R005, M034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com