Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 40 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 40 Page - NEC

Back Button D17133CS Datasheet HTML 36Page - NEC D17133CS Datasheet HTML 37Page - NEC D17133CS Datasheet HTML 38Page - NEC D17133CS Datasheet HTML 39Page - NEC D17133CS Datasheet HTML 40Page - NEC D17133CS Datasheet HTML 41Page - NEC D17133CS Datasheet HTML 42Page - NEC D17133CS Datasheet HTML 43Page - NEC D17133CS Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 289 page
background image
CHAPTER 4
PROGRAM MEMORY (ROM)
25
Table 4-1. Vector Address for the
µPD17120 Subseries
Vector Address
Interrupt Sources
0000H
Reset
0001H
Serial interface interrupt
0002H
Timer interrupt
0003H
External interrupt (INT pin)
(2) Direct branch
When executing a direct branch (BR addr), the 11-bit instruction operand is used to specify an address in
program memory. (However, the most significant bit must be 0. If an address is specified outside of this
range, an error will occur in the assembler.) A direct branch instruction can be used to branch to any address
in program memory.
(3) Indirect branch
When executing an indirect branch (BR @AR), the program branches to the address specified by the value
stored in the address register (AR). An indirect branch can be used to branch to any address in program
memory.
Also refer to 7.2 ADDRESS REGISTER (AR).
(4) Direct subroutine call
When using a direct subroutine call (CALL addr), the 11-bit instruction operand is used to specify a program
memory address of the called subroutine. (However, the most significant bit must be 0. If an address is
specified outside of this range, an error will occur in the assembler).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com