Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 20 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 20 Page - NEC

Back Button D17133CS Datasheet HTML 16Page - NEC D17133CS Datasheet HTML 17Page - NEC D17133CS Datasheet HTML 18Page - NEC D17133CS Datasheet HTML 19Page - NEC D17133CS Datasheet HTML 20Page - NEC D17133CS Datasheet HTML 21Page - NEC D17133CS Datasheet HTML 22Page - NEC D17133CS Datasheet HTML 23Page - NEC D17133CS Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 289 page
background image
CHAPTER 1
GENERAL
5
• Block diagram of
µPD17132, 17133, 17P132, and 17P133
Remark
The terms CMOS and N-ch in parentheses indicate the output form of the port.
CMOS:
CMOS push-pull output
N-ch:
N-channel open-drain output (Each pin can contain pull-up resistor as specified using a mask
option.)
Note The devices in parentheses are effective only in the case of program memory write/verify mode of the
µPD17P132 and µPD17P133.
P0B0
P0B1
P0B2
P0B3
P0B
(CMOS)
P0A0
P0A1
P0A2
P0A3
P0A
(CMOS)
P0C0/Cin0
P0C1/Cin1
P0C2/Cin2
P0C3/Cin3
P0C
(CMOS)
Compa-
rator
ALU
Instruction
Decoder
ROM
1024
× 16 bits
Program Counter
Stack 5
× 10 bits
Interrupt
Controller
Timer
IRQTM
IRQSIO
fX /2
N
Clock
Divider
System Clock
Generator
XIN (CLK)
Note
XOUT
P0D0/SCK
P0D1/SO
P0D2/SI
P0D3/TMOUT
INT (VPP)
Note
fX /2
N
CPU CLK CLK STOP
VDD
Power On/
Power-Down
Reset
RESET
GND
RF
RAM
111
× 4 bits
SYSTEM REG.
IRQTM
P0D
(N-ch)
IRQSIO
Serial
Interface
TM
P0E
(N-ch)
P0E0
P0E1/Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com