Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 82 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 82 Page - NEC

Back Button D17133CS Datasheet HTML 78Page - NEC D17133CS Datasheet HTML 79Page - NEC D17133CS Datasheet HTML 80Page - NEC D17133CS Datasheet HTML 81Page - NEC D17133CS Datasheet HTML 82Page - NEC D17133CS Datasheet HTML 83Page - NEC D17133CS Datasheet HTML 84Page - NEC D17133CS Datasheet HTML 85Page - NEC D17133CS Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
67
7.8.2 Handling of System Register Addresses Fixed at 0
In dealing with system register addresses fixed at 0 (refer to Figure 7-2), there are a few points for which caution
should be taken with regard to device, emulator and assembler operation.
Items (1), (2) and (3) explain these points.
(1) Concerning device operation
Trying to write data to an address fixed at 0 will not change the value (0) at that address. Any attempt to
read an address fixed at 0 will result in the value 0 being read.
(2) When using a 17K series in-circuit emulator (IE-17K or IE-17K-ET)
An error will be generated if a write instruction attempts to write the value 1 to an address fixed at 0.
Below is an example of the type of instructions that will cause the in-circuit emulator to generate an error.
Example 1. MOV
BAMK, #0100B ;
Attempts to write the value 1 to bit 3 (an address fixed at 0).
2. MOV
IXL, #1111B
;
MOV
IXM, #1111B
;
MOV
IXH, #0001B
;
ADD
IXL, #1
;
ADDC
IXM, #0
;
ADDC
IXH, #0
;
However, when all valid bits are set to 1 as shown in Example 2, executing the instructions INC AR or INC IX
will not cause an error to be generated by the in-circuit emulator. This is because when all valid bits of the address
register and index register are set to 1, executing the INC instruction causes all bits to be set to 0.
The only time the in-circuit emulator will not generate an error when an attempt is made to write the value 1 to
a bit fixed at 0 is when the address being written to is in the address register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com