Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 94 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 94 Page - NEC

Back Button D17133CS Datasheet HTML 90Page - NEC D17133CS Datasheet HTML 91Page - NEC D17133CS Datasheet HTML 92Page - NEC D17133CS Datasheet HTML 93Page - NEC D17133CS Datasheet HTML 94Page - NEC D17133CS Datasheet HTML 95Page - NEC D17133CS Datasheet HTML 96Page - NEC D17133CS Datasheet HTML 97Page - NEC D17133CS Datasheet HTML 98Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 289 page
background image
CHAPTER 10 DATA BUFFER (DBF)
The data buffer consists of four nibbles allocated in addresses 0CH to 0FH in BANK0.
The data buffer is used as a data storage area when data is transferred to/from the CPU peripheral circuit (address
register, serial interface, and timer) by the GET and PUT instructions. By using the MOVT DBF, and @AR instructions,
fixed data in program memory can be read into the data buffer.
10.1 DATA BUFFER CONFIGURATION
Figure 10-1 shows the allocation of the data buffer in data memory.
As shown in Figure 10-1, the data buffer is allocated in address locations 0CH to 0FH in BANK0 and consists of
a total of 16 bits (4
× 4 bits).
Figure 10-1. Allocation of the Data Buffer
0
1
2
3
4
5
6
7
0
BANK0
Column address
123456789
A
B
C
D
E
F
Data memory
Data buffer
(DBF)
System register (SYSREG)
Figure 10-2 shows the configuration of the data buffer. As shown in Figure 10-2, the data buffer is made up of
sixteen bits with its least significant bit in bit 0 of address 0FH and its most significant bit in bit 3 of address 0CH.
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com