Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 88 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 88 Page - NEC

Back Button D17133CS Datasheet HTML 84Page - NEC D17133CS Datasheet HTML 85Page - NEC D17133CS Datasheet HTML 86Page - NEC D17133CS Datasheet HTML 87Page - NEC D17133CS Datasheet HTML 88Page - NEC D17133CS Datasheet HTML 89Page - NEC D17133CS Datasheet HTML 90Page - NEC D17133CS Datasheet HTML 91Page - NEC D17133CS Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 289 page
background image
CHAPTER 9
REGISTER FILE (RF)
73
9.2.3 Register File Manipulation Instructions
Reading and writing data to and from the register file is done using the window register (WR: address 78H) located
in the system register.
Reading and writing of data is performed using the following dedicated instructions:
PEEK WR, rf: Read the data in the address specified by rf and put it into WR.
POKE rf, WR: Write the data in WR into the address specified by rf.
Below is an example using the PEEK and POKE instructions.
Example
M030
MEM
0.30H
; Address 30H of the data memory is used as save area of WR.
M032
MEM
0.32H
; Address 32H of the data memory is used as operation area of WR.
RF11
MEM
0.91H
; Symbol definition
RF33
MEM
0.B3H
; Register file addresses 00H to 3FH must be defined with
RF70
MEM
0.70H
; symbols as BANK0 address 80H to BFH.
RF73
MEM
0.73H
; Refer to 9.4 NOTES ON USING THE REGISTER FILE for details.
; BANK0
<1>
PEEK
WR, RF11
;
CLR1
MPE
; Shows the example of saving WR contents to the general data
CLR1
IXE
; memory (addresses 00H to 3FH). For example, it shows the
OR
RPL, #0110B ; case of saving WR contents to address 30H of the data memory
<2>
LD
M030, WR
; without address modification.
<3>
POKE
RF73, WR
; Data memory of addresses 40H to 7FH and control register can
<4>
PEEK
WR, RF70
; transmit/receive data to/from WR directly by PEEK and POKE
<5>
POKE
RF33, WR
; instruction.
<6>
ST
WR, M032
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com