Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 42 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 42 Page - NEC

Back Button D17133CS Datasheet HTML 38Page - NEC D17133CS Datasheet HTML 39Page - NEC D17133CS Datasheet HTML 40Page - NEC D17133CS Datasheet HTML 41Page - NEC D17133CS Datasheet HTML 42Page - NEC D17133CS Datasheet HTML 43Page - NEC D17133CS Datasheet HTML 44Page - NEC D17133CS Datasheet HTML 45Page - NEC D17133CS Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 289 page
background image
CHAPTER 4
PROGRAM MEMORY (ROM)
27
4.2.2 Table Reference
Table reference is used to reference constant data in program memory.
The table reference instruction (MOVT DBF, @AF) is used to store the contents of the program memory address
specified by the address register in the data buffer.
Since each location in program memory contains 16 bits of information, the MOVT instruction causes 16 bits of
data to be stored in the data buffer. The address register can be used to table reference any location in program
memory.
Caution Note that one level of the stack is temporarily used when performing table reference.
Also refer to 7.2 ADDRESS REGISTER (AR) and CHAPTER 10 DATA BUFFER (DBF).
Remark
As an exception, execution of table reference instructions requires two instruction cycle.
Figure 4-3. Table Reference (MOVT DBF, @AR)
b3 b2 b1 b0
DBF3
b3 b2 b1 b0
DBF2
b3 b2 b1 b0
DBF1
b3 b2 b1 b0
DBF0
Data buffer
b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0
Program memory
b3 b2 b1 b0
AR3
b3 b2 b1 b0
AR2
b3 b2 b1 b0
AR1
b3 b2 b1 b0
AR0
Address register
16-bit data read
000000
Table addressing
Constant data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com