Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 84 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 84 Page - NEC

Back Button D17133CS Datasheet HTML 80Page - NEC D17133CS Datasheet HTML 81Page - NEC D17133CS Datasheet HTML 82Page - NEC D17133CS Datasheet HTML 83Page - NEC D17133CS Datasheet HTML 84Page - NEC D17133CS Datasheet HTML 85Page - NEC D17133CS Datasheet HTML 86Page - NEC D17133CS Datasheet HTML 87Page - NEC D17133CS Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 289 page
background image
CHAPTER 8 GENERAL REGISTER (GR)
The general register (GR) is allocated in data memory. It can therefore be used directly in performing arithmetic/
logical operations with and in transferring data to and from general data memory.
8.1 GENERAL REGISTER CONFIGURATION
Figure 8-1 shows the configuration of the general register.
As shown in Figure 8-1, sixteen nibbles in a single row address in data memory (16
× 4 bits) are used as the general
register.
The general register pointer (RP) in the system register is used to indicate which row address is to be used as
the general register. Because the RP effectively has three valid bits, the data memory row addresses in which the
general register can be allocated are address locations 0H to 7H. However, note that addresses 40H to 6EH are
uninstalled memory locations and should therefore not be specified as locations for the general register.
8.2 FUNCTIONS OF THE GENERAL REGISTER
The general register can be used in transferring data to and from data memory within an instruction. It can also
be used in performing arithmetic/logical operations with data memory within an instruction. In effect, since the
general register is data memory, this just means that operations such as arithmetic/logical operations and data transfer
can be performed on and between locations in data memory. In addition, because the general register is allocated
in data memory, it can be controlled in the same manner as other areas in data memory through the use of data
memory manipulation instructions.
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com