Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 63 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 63 Page - NEC

Back Button D17133CS Datasheet HTML 59Page - NEC D17133CS Datasheet HTML 60Page - NEC D17133CS Datasheet HTML 61Page - NEC D17133CS Datasheet HTML 62Page - NEC D17133CS Datasheet HTML 63Page - NEC D17133CS Datasheet HTML 64Page - NEC D17133CS Datasheet HTML 65Page - NEC D17133CS Datasheet HTML 66Page - NEC D17133CS Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
48
Figure 7-7. Index Register and Memory Pointer Configuration
Figure 7-8. Data Memory Address Modification by Index Register and Memory Pointer
BANK
:
Bank register
MP
:
Memory pointer
IX
:
Index register
MPE
:
Memory pointer enable flag
IXE
:
Index enable flag
MPH
:
Memory pointer's upper 3 bits
IXH
:
Index register's bits 10-8
MPL
:
Memory pointer's lower 4 bits
IXM
:
Index register's bits 7-4
r
:
General register column address
IXL
:
Index register's bits 3-0
RP
:
General register pointer
m
:
Data memory address indicated by mR, mC
(
×)
:
Contents addressed with
×
mR
:
Data memory row address
× : Direct address such as r
mC
:
Data memory column address
7AH
Address
Name
Bit
Symbol
name
Data
Reset-time value
b3 b2 b1
b0
b3 b2 b1
b2 b1 b1
b0
b0
Index register (IX)
Memory pointer (MP)
IXH
MPH
IXM
MPL
IXL
0000
00000000000
(IX)
(MP)
Flag name
M
P
E
7BH
7CH
b1
b2
b3
0
0
0
0
7FH
PSW
I
X
E
0
Program status
word
(PSWORD)'S
lower 4 bits
b3
Data Memory Address Specified with m
IXE
0
0
1
1
b3
b2
b1
b0
Bank
BANK
BANK
IXH
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
b2
b1
b0
b2
b1
b0
Row address Column address
Bank
Row address Column address
Indirect Transfer Address Specified with @m
m
BANK
mR
(r)
MPH
MPL
(r)
BANK
mR
(r)
IXM
IXL
IXH
IXM
MPE
0
1
0
1
m
Setting disabled
Logical OR
Logical OR
Same as
above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com