Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 53 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 53 Page - NEC

Back Button D17133CS Datasheet HTML 49Page - NEC D17133CS Datasheet HTML 50Page - NEC D17133CS Datasheet HTML 51Page - NEC D17133CS Datasheet HTML 52Page - NEC D17133CS Datasheet HTML 53Page - NEC D17133CS Datasheet HTML 54Page - NEC D17133CS Datasheet HTML 55Page - NEC D17133CS Datasheet HTML 56Page - NEC D17133CS Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 289 page
background image
CHAPTER 6
STACK
38
Table 6-2. Operation of the Stack Pointer during Execution
Instruction
Operation
CALL addr
<1> Stack pointer (SP) is decremented.
<2> Program counter (PC) is saved in the address stack register pointed to by the stack
pointer (SP).
<3> Value specified by the instruction operand (addr) is transferred to the program
counter.
RET
<1> Value in the address stack register pointed to by the stack pointer (SP) is restored
to the program counter (PC).
<2> Stack pointer (SP) is incremented.
When the RETSK instruction is executed, the first command after data restoration becomes a no operation
instruction (NOP).
6.6.2 Stack Operation during Table Reference (MOVT DBF, @AR)
Table 6-3 shows stack operation during table reference.
Table 6-3. Stack Operation during Table Reference
Instruction
Instruction Cycle
Operation
MOVT DBF, @AR
First
<1> Stack pointer (SP) is decremented.
<2> Program counter (PC) is saved in the address stack register
pointed to by the stack pointer (SP).
<3> Value in the address register (AR) is transferred to the program
counter (PC).
Second
<1> Contents of the program memory (ROM) pointed to by the pro-
gram counter (PC) is transferred to the data buffer (DBF).
<2> Value in the address stack register pointed to by the stack pointer
(SP) is restored to the program counter (PC).
<3> Stack pointer (SP) is incremented.
Remark
As an exception, execution of MOVT DBF and @AR instructions require two instruction cycle.
RETSK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com