Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 196 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 196 Page - NEC

Back Button D17133CS Datasheet HTML 192Page - NEC D17133CS Datasheet HTML 193Page - NEC D17133CS Datasheet HTML 194Page - NEC D17133CS Datasheet HTML 195Page - NEC D17133CS Datasheet HTML 196Page - NEC D17133CS Datasheet HTML 197Page - NEC D17133CS Datasheet HTML 198Page - NEC D17133CS Datasheet HTML 199Page - NEC D17133CS Datasheet HTML 200Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 289 page
background image
CHAPTER 17
ONE-TIME PROM WRITING/VERIFYING
181
17.3 WRITING PROCEDURE OF PROGRAM MEMORY
The program memory can be written at high speeds in the following procedure.
(1)
Pull down the unused pins to GND. (XOUT pin is open.) Mask the CLK pin low.
(2)
Apply 5 V to the VDD pin. Make VPP pin low.
(3)
Wait for 10
µs. Then, apply 5 V to VPP pin.
(4)
Set the program memory address 0 clear mode using mode selector pins.
(5)
Apply 6 V to VDD and 12.5 V to VPP.
(6)
Set the program inhibit mode.
(7)
Write data in mode for 1 ms writing.
(8)
Set the program inhibit mode.
(9)
Set the verify mode (MD0-MD3=LLHH). If the program has been correctly written, proceed to (10).
If not, repeat (7) through (9).
(10) Additional writing of (number of times (
×) the program has been written in (7) through (9)) × 1ms.
(11) Set the program inhibit mode.
(12) Input four pulses to the CLK pin to update the program memory address by one.
(13) Repeat (7) through (12) until the last address in programmed.
(14) Set the program memory address 0 clear mode.
(15) Change the voltage of VDD and VPP pins to 5 V.
(16) Turn off the power.
Figure 17-1 shows the procedures of (2) through (12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com