Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 213 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 213 Page - NEC

Back Button D17133CS Datasheet HTML 209Page - NEC D17133CS Datasheet HTML 210Page - NEC D17133CS Datasheet HTML 211Page - NEC D17133CS Datasheet HTML 212Page - NEC D17133CS Datasheet HTML 213Page - NEC D17133CS Datasheet HTML 214Page - NEC D17133CS Datasheet HTML 215Page - NEC D17133CS Datasheet HTML 216Page - NEC D17133CS Datasheet HTML 217Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 289 page
background image
CHAPTER 18
INSTRUCTION SET
198
ADDC MEM00E, MEM001 ; (0.0EH)
← (0.0EH) + (0.41H)
ADDC MEM00F, MEM002 ; (0.0FH)
← (0.0FH) + (0.42H)
(4)
ADDC m, #n4
Add immediate data to data memory with carry flag
<1> OP code
10
87
43
0
10010
mR
mC
n4
<2> Function
When CMP=0, (m)
← (m) + n4 + CY
Add immediate data to the data memory contents with carry flag (CY), and stores the result in data memory.
When CMP=1, (m) + n4 + CY
The result is not stored in the data memory, and carry flag CY and zero flag Z are changed, according to the
result.
Sets carry flag CY, if a carry occurs as a result of the addition. Resets the carry flag CY, if no carry occurs.
If the addition result is other than zero, zero flag Z is reset, regardless of compare flag CMP.
If the addition result is zero, with the compare flag reset (CMP=0), the zero flag Z is set.
If the addition result is zero, with the compare flag set (CMP=1), the zero flag Z is not changed.
Addition can be executed in binary 4-bit or BCD. The BCD flag for PSWORD specifies which kind of addition
is to be executed.
<3> Example 1
Adds 5 to the 12-bit contents for addresses 0.0DH through 0.0FH, and stores the result in addresses 0.0DH
through 0.0FH;
(0.0FH)
← (0.0FH) + 05H
(0.0EH)
← (0.0EH) + CY
(0.0DH)
← (0.0DH) + CY
MEM00D
MEM
0.0DH
MEM00E
MEM
0.0EH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com