Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 112 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 112 Page - NEC

Back Button D17133CS Datasheet HTML 108Page - NEC D17133CS Datasheet HTML 109Page - NEC D17133CS Datasheet HTML 110Page - NEC D17133CS Datasheet HTML 111Page - NEC D17133CS Datasheet HTML 112Page - NEC D17133CS Datasheet HTML 113Page - NEC D17133CS Datasheet HTML 114Page - NEC D17133CS Datasheet HTML 115Page - NEC D17133CS Datasheet HTML 116Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 289 page
background image
CHAPTER 11
ARITHMETIC AND LOGIC UNIT
97
Table 11-4. Logical Operations
Logical
Logical OR
General register and data memory OR r, m
operation
Data memory and immediate data
OR m, #n4
Logical AND
General register and data memory AND r, m
Data memory and immediate data
AND m, #n4
Logical XOR
General register and data memory XOR r, m
Data memory and immediate data
XOR m, #n4
Table 11-5. Table of True Values for Logical Operations
Logical AND
Logical OR
Logical XOR
C=A AND B
C=A OR B
C=A XOR B
A
B
C
A
B
C
A
B
C
0
0
0
0
0
0
0
0
0
0
1
0
0
1
1
0
1
1
1
0
0
1
0
1
1
0
1
111111110
11.5 BIT JUDGEMENT
As shown in Table 11-6, there are both TRUE (1) and FALSE (0) bit judgement instructions.
The SKT instruction skips the next instruction when a bit is judged as TRUE (1) and the SKF instruction skips the
next instruction when a bit is judged as FALSE (0).
The SKT and SKF instructions can only be used with data memory.
Bit judgement are not affected by the BCD flag in the program status word (PSWORD) and bit judgements do
not cause either the CY or Z flag in the program status word (PSWORD) to be set. However, when an SKT or SKF
instruction is executed, the CMP flag is reset (0). When the index enable flag (IXE) is set (1), index modification is
performed using the index register. For information concerning index modification using the index register, refer
to CHAPTER 7 SYSTEM REGISTER (SYS REG).
11.5.1 and 11.5.2 explain TRUE (1) and FALSE (0) bit judgements.
Table 11-6. Bit Judgement Instructions
Bit judgement
TRUE (1) bit judgement
SKT m, #n
FALSE (0) bit judgement
SKF m, #n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com