Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 32 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT7101 Datasheet HTML 28Page - Analog Devices LT7101 Datasheet HTML 29Page - Analog Devices LT7101 Datasheet HTML 30Page - Analog Devices LT7101 Datasheet HTML 31Page - Analog Devices LT7101 Datasheet HTML 32Page - Analog Devices LT7101 Datasheet HTML 33Page - Analog Devices LT7101 Datasheet HTML 34Page - Analog Devices LT7101 Datasheet HTML 35Page - Analog Devices LT7101 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LT7101
32
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
nominally 410mΩ yielding an equivalent power MOSFET
resistance RSW of:
RSW = (760mΩ)(0.1) + (410mΩ)(0.9) = 445mΩ
From the previous section, the I2R losses are (12)(0.445)
= 445mW. INTVCC power dissipation is:
PLDO = 3.5mA+1nC 4+
50
31
⎛
⎝⎜
⎞
⎠⎟ •500k
⎡
⎣⎢
⎤
⎦⎥
•5
= 32mW
The transition losses are approximately:
(47pF) • 632 • (1 + 1.3) • 500kHz = 215mW
so the total power dissipation is approximately 0.69W.
The QFN 5mm × 6mm package junction-to-ambient ther-
mal resistance, qJA, is approximately 38°C/W. Therefore,
the junction temperature of the regulator operating in a
70°C ambient temperature is approximately:
TJ = 0.69W • 38°C/W + 70°C = 96°C
which is below the maximum junction temperature
of 150°C.
Design Example
As a design example, consider the LT7101 in an appli-
cation with the following specifications: VIN = 36V to
72V, VOUT = 12V, IOUT(MAX) = 1A, IOUT(MIN) = 20mA, and
switching is enabled between 30V and 90V on VIN.
First, because efficiency is important at both high and low
load currents, Burst Mode operation at 500kHz is chosen.
The RFREQ resistor for 500kHz switching frequency is cal-
culated using RFREQ = f/40 + 7.5k = 20k. In addition, the
PLLIN/MODE pin is tied to ground to select Burst Mode
operation.
Next, since the output voltage is available as a prepro-
grammed value (VPRG1 = INTVCC and VPRG2 = OPEN),
the RIND pin is left floating, and the inductor value chosen
according to Table 3 as 63μH. Suitable inductors with a
nominal value of 68μH and ISAT ≥ 1.8A are available from
multiple manufacturers, so a value of L = 68μH is chosen.
Next, COUT = 10μF is selected based on the minimum
needed for internal voltage loop compensation and out-
put ripple. CIN is sized to handle a ripple current IRMS =
IOUT/2 = 0.5A. A low ESR, 100V, 4.7μF ceramic capacitor
is chosen. The INTVCC decoupling capacitor is chosen as
1μF and the BOOST capacitor is chosen as 0.1μF. EXTVCC
is tied to VOUT to minimize loss in the INTVCC LDO.
The undervoltage and overvoltage lockout requirements
on VIN can be satisfied with a resistor divider from VIN
to the RUN and OVLO pins (refer to Figure 8). Choose
R3+R4+R5 = 2.5MΩ to minimize the loading on VIN.
Calculate R3, R4 and R5 as follows:
R5 =
1.21V • 2.5MΩ
90V
= 33.6k
R4 =
1.21V • 2.5MΩ
30V
– R5 = 67.2k
R3 = 2.5MΩ – R5 – R4 = 2.4MΩ
Figure 12.
7101 F12
VFB
EXTVCC
PLLIN/MODE
BOOST
SW
VIN
RUN
2.2M
4.7µF
VOUT
12V
1A
VIN
36V TO 72V
62k
20k
30.9k
OVLO
VPRG1
ITH
LT7101
FREQ
INTVCC
PGND
SGND
0.1µF
1µF
10µF
68µH
36V to 72V Input to 12V Output, 1A Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com