Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 4 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 4 Page - Analog Devices

  LT7101 Datasheet HTML 1Page - Analog Devices LT7101 Datasheet HTML 2Page - Analog Devices LT7101 Datasheet HTML 3Page - Analog Devices LT7101 Datasheet HTML 4Page - Analog Devices LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LT7101
4
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOV(R)
OVLO Pin Rising Threshold
VOVLO Rising
l
1.16
1.21
1.26
V
OVLO Pin Hysteresis
65
mV
OVLO Pin Leakage Current
OVLO = 1.5V
–10
0
10
nA
Bias Regulators and Housekeeping
INTVCC Undervoltage Lockout
INTVCC Rising
INTVCC Falling
3.00
2.80
V
V
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Rising
EXTVCC Falling
l
l
3.03
2.95
3.10
3.00
3.17
3.07
V
V
Regulated INTVCC Voltage from VIN
3.37
3.50
3.63
V
Regulated INTVCC Voltage from EXTVCC
3.37
3.50
3.63
V
Oscillator and Phase-Locked Loop
Programmable Frequency Accuracy
RFREQ = 12.5k (200kHz) to 57.5k (2MHz)
PLLIN/MODE = 0V
l
–15
15
%
fLOW
Low Preset Frequency
VFREQ = 0V;
PLLIN/MODE = 0V
l
270
300
330
kHz
fHIGH
High Preset Frequency
VFREQ = INTVCC;
PLLIN/MODE = 0V
l
0.9
1.0
1.1
MHz
Synchronizable Frequency
PLLIN/MODE = External Clock
l
200
2000
kHz
PLLIN/MODE Input High Level for Clocking
PLLIN/MODE = External Clock
l
2.0
V
PLLIN/MODE Input Low Level for Clocking
PLLIN/MODE = External Clock
l
0.8
V
PGOOD Output
PGOOD Voltage Low
IPGOOD = 1mA
0.3
0.5
V
PGOOD Leakage Current
VPGOOD = 12V
–1
1
µA
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Positive
7
10
13
%
Hysteresis
2.5
%
VFB Ramping Negative
–13
–10
–7
%
Hysteresis
2.5
%
TPG
Delay for Reporting a Fault
24
µs
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 12V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT7101E is guaranteed to meet specifications from 0°C to
85°C with specifications over the –40°C to 125°C operating junction
temperature range assured by design, characterization and correlation with
statistical process controls. The LT7101I is guaranteed over the –40°C to
125°C operating junction temperature range, the LT7101H is guaranteed
over the –40°C to 150°C operating junction temperature range, and the
LT7101MP is tested and guaranteed over the –55°C to 150°C operating
junction temperature range. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125°C. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • qJA°C/W)
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device. The overtemperature protection level is not production tested.
Note 5: The LT7101 is tested in a feedback loop that servos VFB to a
voltage near the internal reference voltage to obtain the specified ITH
voltage.
Note 6: The Average Output Current Limit, the Top Switch Peak Current
Limit and the Current Monitor Output Voltage are measured in a test circuit
that simulates operation in a typical application.
Note 7: The minimum controllable on-time is measured in a test mode.
(See Minimum ON-Time Considerations in the Applications Information
section.)
Note 8: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 9: See Operating at VOUT > 6V in Applications Information section for
details about additional design constraints that may apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com