Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 9 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices LT7101 Datasheet HTML 10Page - Analog Devices LT7101 Datasheet HTML 11Page - Analog Devices LT7101 Datasheet HTML 12Page - Analog Devices LT7101 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LT7101
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
RUN (Pin 3): Run Control Input. Holding this pin below
1.1V shuts off the switching regulator. Holding this pin
below 0.7V reduces the quiescent current to approxi-
mately 0.7µA. Place a resistor divider between VIN and
this pin to use as an undervoltage lockout. Tie this pin to
VIN to always enable the LT7101.
SGND (Pin 6): Signal Ground.
OVLO (Pin 7): Overvoltage Shutdown Input. If the voltage
on this pin exceeds 1.21V, then the switching regulator
is shut down and the SS pin is internally grounded. Tie
this pin to SGND to allow operation with VIN up to 105V.
RIND (Pin 8): Sets the current used to create an internal
ramp that replicates the inductor current up-slope for low
duty cycle operation. This pin generates a voltage that
varies with the switching frequency. Place a resistor to
SGND on this pin equal to 1/(3.3 • L) to set the internal
ramp current. This pin can be left floating if fixed output
voltage mode is selected using the VPRG1 and VPRG2 pins.
If VPRG1 and VPRG2 are both floating, then a resistor from
RIND to SGND must be used.
ITH (Pin 9): Error Amplifier Output and Switching Regulator
Compensation Point. Place compensation components
between the ITH pin and SGND. Tie this pin to INTVCC for
fixed internal compensation.
VFB (Pin 10): Regulator Feedback Input. When set to
adjustable mode, use an external resistor divider between
the regulator output voltage and the VFB pin. For fixed out-
put voltage mode, tie VFB directly to the regulator output.
FREQ (Pin 11): The frequency control pin for the internal
VCO. Connect this pin to SGND for 300kHz operation or
to INTVCC for 1MHz operation. Place a resistor to SGND
on this pin to set the operating frequency between 200kHz
and 2MHz. Minimize the capacitance on this pin if Burst
Mode operation is used. This pin sources 40µA.
Radiated EMI Performance (CISPR25 Radiated
Emission Test with Class 5 Peak Limits)
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
FIGURE 17 CIRCUIT
48VIN TO 5VOUT AT 1A
fSW = 400kHz
VERTICAL POLARIZATION
CLASS 5 PEAK LIMIT
LT7101
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
7101 G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com