Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 5 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 5 Page - Analog Devices

  LT7101 Datasheet HTML 1Page - Analog Devices LT7101 Datasheet HTML 2Page - Analog Devices LT7101 Datasheet HTML 3Page - Analog Devices LT7101 Datasheet HTML 4Page - Analog Devices LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LT7101
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Pulse-Skipping Mode Efficiency
at 5VOUT
Pulse-Skipping Mode Efficiency
at 12VOUT
Pulse-Skipping Mode Efficiency
at 3.3VOUT
Burst Mode Efficiency at 5VOUT
TA = 25°C, unless otherwise noted.
Burst Mode Efficiency at 12VOUT
Burst Mode Efficiency at 3.3VOUT
LOAD CURRENT (mA)
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
7101 G01
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
fSW = 300kHz
FIGURE 14 CIRCUIT
LOAD CURRENT (mA)
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
7101 G03
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
fSW = 300kHz
FIGURE 16 CIRCUIT
LOAD CURRENT (mA)
10
100
1000
30
40
50
60
70
80
90
100
7101 G04
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
fSW = 300kHz
FIGURE 14 CIRCUIT
LOAD CURRENT (mA)
10
100
1000
30
40
50
60
70
80
90
100
7101 G05
VIN = 24V
VIN = 48V
VIN = 72V
VIN = 100V
fSW = 300kHz
FIGURE 15 CIRCUIT
LOAD CURRENT (mA)
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
7101 G02
VIN = 24V
VIN = 48V
VIN = 72V
VIN = 100V
fSW = 300kHz
FIGURE 15 CIRCUIT
LOAD CURRENT (mA)
10
100
1000
30
40
50
60
70
80
90
100
7101 G06
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
fSW = 300kHz
FIGURE 16 CIRCUIT
Forced Continuous Mode
Efficiency at 5VOUT
Forced Continuous Mode
Efficiency at 12VOUT
Forced Continuous Mode
Efficiency at 3.3VOUT
LOAD CURRENT (mA)
10
100
1000
30
40
50
60
70
80
90
100
7101 G07
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
fSW = 300kHz
FIGURE 14 CIRCUIT
LOAD CURRENT (mA)
10
100
1000
30
40
50
60
70
80
90
100
7101 G09
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
fSW = 300kHz
FIGURE 16 CIRCUIT
LOAD CURRENT (mA)
10
100
1000
30
40
50
60
70
80
90
100
7101 G08
VIN = 24V
VIN = 48V
VIN = 72V
VIN = 100V
fSW = 300kHz
FIGURE 15 CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com